Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB321AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB321AI_15 Datasheet HTML 2Page - Texas Instruments TUSB321AI_15 Datasheet HTML 3Page - Texas Instruments TUSB321AI_15 Datasheet HTML 4Page - Texas Instruments TUSB321AI_15 Datasheet HTML 5Page - Texas Instruments TUSB321AI_15 Datasheet HTML 6Page - Texas Instruments TUSB321AI_15 Datasheet HTML 7Page - Texas Instruments TUSB321AI_15 Datasheet HTML 8Page - Texas Instruments TUSB321AI_15 Datasheet HTML 9Page - Texas Instruments TUSB321AI_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0 V
VBUS_THR
VVBUS
Time
tVBUS_DB
TUSB321AI
SLLSER2 – OCTOBER 2015
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
External pullup resistor on open drain IOs
RP(ODext)
200
k
Ω
(VCONN_FAULT, ID, OUT1, OUT2, DIR)
RP(TLext)
Tri-level input external pull-up resistor (PORT)
4.7
k
Ω
External pull-up resistor on CURRENT_MODE pin to
RP(cm_med)
500
k
Ω
advertise 1.5-A current
External pull-up resistor on CURRENT_MODE pin to
RP(cm_high)
10
k
Ω
advertise 3.0-A current
VBUS_DET IO Pins (Connected to System VBUS signal through external resistor)
VBUS(THR)
VBUS threshold range
2.95
3.30
3.80
V
R(VBUS)
External resistor between VBUS and VBUS_DET pin
891
900
909
K
Ω
R(VBUS_PD)
Internal pulldown resistance for VBUS_DET
95
K
Ω
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
V(TOL)
Voltage tolerance on VCONN power FET
5.5
V
V(PASS)
Voltage to pass through VCONN power FET
5.5
V
VCONN current limit; VCONN is disconnected above this
I(VCONN)
225
300
375
mA
value
CBULK
Bulk capacitance on VCONN; placed on VDD supply
10
200
µF
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tCCCB_DEFAULT
Power on default of CC1 and CC2 voltage debounce time
168
ms
tVBUS_DB
Debounce of VBUS_DET pin after valid V(BUS_THR) (See Figure 1.)
2
ms
tDRP_DUTY_CYCLE
Power-on default of percentage of time DRP advertises DFP during a TDRP
30%
The period TUSB321AI in DRP mode completes a DFP to UFP and back
tDRP
50
75
100
ms
advertisement.
Figure 1. VBUS Detect and Debounce
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TUSB321AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com