Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB321AI
Description  TUSB321AI USB Type-C Configuration Channel Logic and Port Control with VCONN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB321AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB321AI_15 Datasheet HTML 7Page - Texas Instruments TUSB321AI_15 Datasheet HTML 8Page - Texas Instruments TUSB321AI_15 Datasheet HTML 9Page - Texas Instruments TUSB321AI_15 Datasheet HTML 10Page - Texas Instruments TUSB321AI_15 Datasheet HTML 11Page - Texas Instruments TUSB321AI_15 Datasheet HTML 12Page - Texas Instruments TUSB321AI_15 Datasheet HTML 13Page - Texas Instruments TUSB321AI_15 Datasheet HTML 14Page - Texas Instruments TUSB321AI_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TUSB321AI
www.ti.com
SLLSER2 – OCTOBER 2015
7.4.1 Unattached Mode
Unattached mode is the primary mode of operation for the TUSB321AI device, because a USB port can be
unattached for a lengthy period of time. In unattached mode, VDD is available, and all IOs are operational. After
the TUSB321AI device is powered up, the part enters unattached mode until a successful attach has been
determined. Initially, right after power up, the TUSB321AI device comes up as an Unattached.SNK. The
TUSB321AI device checks the PORT pin and operates according to the mode configuration. The TUSB321AI
device toggles between the UFP and the DFP if configured as a DRP. The PORT pin is only sampled at reset or
power up.
7.4.2 Active Mode
Active mode is defined as the port being attached. In active mode, all GPIOs are operational. When in active
mode, the TUSB321AI device communicates to the AP that the USB port is attached. This happens through the
ID pin if TUSB321AI is configured as a DFP or DRP connect as source. If TUSB321AI is configured as a UFP or
a DRP connected as a sink, the OUT1 and OUT2 pins are used. The TUSB321AI device exits active mode under
the following conditions:
•
Cable unplug
•
VBUS removal if attached as a UFP
7.4.3 Dead Battery Mode
Dead battery mode is defined as VDD not active. In this mode, CC pins always default to pull-down resistors.
Dead battery means:
● TUSB321AI in UFP with 5.1 kΩ ±20% pull-down resistors
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TUSB321AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com