Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4462D Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4462D
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4462D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
SCD4462D Rev E 10/9/07
Aeroflex Plainview
ELECTRICAL CHARACTERISTICS – DRIVER SECTION con’t
OUTPUT CHARACTERISTICS (H009)
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
Differential output level at point A-A’ on
Figure 9
RL=170 Ω
(Pin 21 set at
+10VDC)
VO
16
21
24
Vp-p
Rise and fall times
(10% to 90% of p-p output)
tr
200
-
300
nS
Output offset at point A-A’ on Figure 9, 2.5 µS
after midpoint crossing of the last bit
RL=170 Ω
VOS
-
-
±265
mVpeak
Delay from 50% point of TX DATA or
TX DATA input to zero crossing of
differential signal (Note 1)
tDTX
-
270
400
nS
OUTPUT CHARACTERISTICS (Macair & MIL-STD-1553/1760)
Differential output Level, Figure 11 Point B-B'
ZO = 70Ω
(Pin 21 set at
+10VDC)
VO
20
21
24
Vp-p
Output offset at point A-A on Figures 11 or 12,
2.5µS after midpoint crossing of the last bit
VOS
-
-
±90
mVpeak
Output rise / fall times (10% to 90% of p-p output)
tR & tF
200
250
300
nS
Delay from 50% point of TX DATA or TX DATA
input to zero crossing of differential output (Note 1)
tDTX
-
270
400
nS
ELECTRICAL CHARACTERISTICS – RECEIVER SECTION (H009, MACAIR & MIL-STD-1553)
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNIT
Differential Input Impedance (Note 1)
f = 1MHz
ZIN
20K
-
-
Ω
Differential Input Voltage Range
VIDR
--
40
Vp-p
Input Common Mode Voltage Range
Note 1
VICR
10
-
-
Vp-p
Common Mode Rejection Ratio
Point A-A on
Figure 12
CMRR
40
-
-
dB
STROBE CHARACTERISTICS (LOGIC "0" INHIBITS OUTPUT)
"0" Input Current
VS = 0.4V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7V
IIH
-1
+40
µA
"0" Input Voltage
VIL
--
0.7
V
"1" Input Voltage
VIH
2.0
-
-
V
Strobe Delay (turn-on or turn-off)
tSD(ON)
-
-
150
nS
THRESHOLD CHARACTERISTICS (SINEWAVE INPUT )
Internal Threshold Voltage
H009 – Figure 9 R ~ 3.4KΩ
100K - 1MHz
VTH
1.2
1.8
2.3
Vp-p
MacAir/1553 – Figure 11 or 12, Point A - A'
0.70
0.90
1.10
Vp-p
OUTPUT CHARACTERISTICS, RX DATA AND RX DATA
"1" State
IOH = -0.4mA
VOH
2.5
3.6
-
V
"0" State
IOL = 4mA
VOL
-
0.35
0.5
V
Delay, (average) from differential input zero
crossings to RX DATA and RX DATA output
50% points
tDRX
-
275
450
nS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com