Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4462D Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4462D
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462D Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4462D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462D Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SCD4462D Rev E 10/9/07
Aeroflex Plainview
FIGURE 1 – H009 TRANSMITTER LOGIC WAVEFORMS
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
Notes: 1. Data and DATA inputs must be complementry waveforms or 50% duty cycle average, with no delays between them, and in the same state during
the off time (both high and low).
2. Region 1; no output signal, High Z state, (Receive Mode), Region 2; No Output signal, Low Z state, (Terminate Mode), Region 3; Transmitter signal
on, low Z.
Region 1
2
3
Note overlap
LINE TO LINE
INPUT
Rx DATA OUT
Rx DATA OUT
FIGURE 2 – H009 RECEIVER LOGIC WAVEFORMS – ACT4462DI
BLOCK DIAGRAM (WITHOUT TRANSFORMER)
SHAPING
OUTPUT
STAGE
COMP.
COMP.
ACTIVE
FILTER
INPUT
AMP
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT
+5V
RX DATA IN
RX DATA IN
STROBE
RX DATA OUT
RX DATA OUT
-12V or -15V
EXT. THRESHOLD
DATA
SET INTERNAL
DATA
DATA
EXT. THRESHOLD
DATA
+15V or +12V
V+
V-
THRESHOLD
AMP CONT
CHAN B
TX DATA OUT
TX DATA OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com