Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3301 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SH3301
Description  USB-Adapt??SH3301 IC Converts PS/2 Data to USB
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3301 Datasheet(HTML) 2 Page - Semtech Corporation

  SH3301 Datasheet HTML 1Page - Semtech Corporation SH3301 Datasheet HTML 2Page - Semtech Corporation SH3301 Datasheet HTML 3Page - Semtech Corporation SH3301 Datasheet HTML 4Page - Semtech Corporation SH3301 Datasheet HTML 5Page - Semtech Corporation SH3301 Datasheet HTML 6Page - Semtech Corporation SH3301 Datasheet HTML 7Page - Semtech Corporation SH3301 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package options
44-pin QFP
Pitch
0.8 mm
TA = -20°C to +85°C
SH3301FB
Other Materials
Type
Order number
USB-Adapt™ eval. kit
Evaluation kit
EVK-SH3301
BLOCK DIAGRAM
ORDERING CODE
Copyright ©1999-2002 Semtech Corporation
SH3301-DS-101
www.semtech.com
2
USB I/O
System
Keyboard/Mouse
PS/2 Handler
PS2
Port 1
PS2
Port 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com