Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH3301 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SH3301
Description  USB-Adapt??SH3301 IC Converts PS/2 Data to USB
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3301 Datasheet(HTML) 3 Page - Semtech Corporation

  SH3301 Datasheet HTML 1Page - Semtech Corporation SH3301 Datasheet HTML 2Page - Semtech Corporation SH3301 Datasheet HTML 3Page - Semtech Corporation SH3301 Datasheet HTML 4Page - Semtech Corporation SH3301 Datasheet HTML 5Page - Semtech Corporation SH3301 Datasheet HTML 6Page - Semtech Corporation SH3301 Datasheet HTML 7Page - Semtech Corporation SH3301 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
USB FUNCTIONALITY
PIN DEFINITIONS
Copyright ©1999-2002 Semtech Corporation
SH3301-DS-101
www.semtech.com
3
The USB-Adapt™ is a low-speed
composite USB 1.1 device that
interfaces PS/2. It supports the
USB Human Interface Devices
(HID) class specification. It uses
two interrupt endpoints for the PS/2
devices.
The USB-Adapt™ handles the
merging of all this data, and sends
the data to the host system.
Mnemonic
QFP
Type
Name and Function
Power Supply
VDD
5
PWR
Positive supply voltage
VSS
9
PWR
Ground: negative supply voltage
VSS1
6
PWR
Ground: negative supply voltage
Reset
_RESET
12
I
Controller hardware reset pin:
Active-low reset line
Oscillator pins
XIN
8
I
Oscillator input: input signal from
oscillator
XOUT
7
O
Oscillator output: output signal to
oscillator
USB
3.3V
34
O
USB reference voltage
D+
36
I/O
USB D+ line
D-
35
I/O
USB D- line
PS/2
EPS2CLK0
10
I/O
Clock line for external PS/2 port 0
EPS2DAT0
11
I/O
Data line for external PS/2 port 0
EPS2CLK1
14
I/O
Clock line for external PS/2 port 1
EPS2DAT1
37
I/O
Data line for external PS/2 port 1
EPS2EN
13
O
Enable external PS/2 ports
Not connected
1-4,
Not used
15-33,
38-44
PS/2 PORTS
The two PS/2 ports allow the user
to connect legacy PS/2 devices to
the USB host system. Standard
104-key keyboards and PS/2 mice,
with support for MouseWheel
functionality, can be hot-plugged at
either of the PS/2 ports and
immediately begin communicating
with the host.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com