Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4462DI Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4462DI
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462DI Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT4462DI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SCD4462D Rev E 10/9/07
Aeroflex Plainview
Notes:
1. Characteristics guaranteed by design, not production tested.
2. Measured at 1mHz at point A-A', power on or off.
3. Specifications apply over the temperature range of -55°C to +125°C (case temperature) unless otherwise noted.
4. All typical values are measured at +25°C.
5. Amplitude control set at +10V for electrical characteristics tables.
6. Normal operating supplies: ±15VDC to ±12VDC and +5VDC.
POWER SUPPLY CURRENT (Macair & MIL-STD-1553/1760) 1/ 2/
DUTY CYCLE
CONDITION
SYMBOL
TYP
MAX
UNIT
Transmitter Standby
Point B-B', ZO = 70 Ω, VO = 29 VP-P
Bit Pattern = FFFF
HEX
Figure 12
(Pin 21 set at +10VDC)
ICC
IEE
IL
5
25
18
10
35
30
mA
25%
ICC
IEE
IL
20
40
18
30
60
30
50%
ICC
IEE
IL
40
60
18
60
80
30
100%
ICC
IEE
IL
85
105
18
120
140
30
POWER SUPPLY CURRENT (H009)
DUTY CYCLE
CONDITION
SYMBOL
TYP
MAX
UNIT
Transmitter Standby
Point A-A', ZO = 170Ω, VO = 21 VP-P
Bit Pattern = FFFF
HEX
Figure 9
(Pin 21 set at +10VDC)
ICC
IEE
IL
5
15
18
10
35
30
mA
25%
ICC
IEE
IL
17
27
18
23
33
30
50%
ICC
IEE
IL
27
37
18
35
45
30
100%
ICC
IEE
IL
42
56
18
60
70
30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com