Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4462DI Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT4462DI
Description  Dual Transceiver Variable Amplitude Universal for H009 Specification or MacAir/1553/1760 Bus Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4462DI Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT4462DI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 9Page - Aeroflex Circuit Technology ACT4462DI Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
SCD4462D Rev E 10/9/07
Aeroflex Plainview
PIN # vs FUNCTION TABLE
PIN #
FUNCTION
PIN #
FUNCTION
1
TX DATA IN A
13
THRESHOLD B
2
TX DATA IN A
14
THRESHOLD B
3
TX DATA OUT A / RX DATA IN A
15
TX INHIBIT B
4
TX DATA OUT A / RX DATA IN A
16
1553 / H009 SELECT
5
RX DATA OUT A
17
+VL (+5V)
6
RX DATA OUT A
18
GROUND
7
TX DATA IN B
19
VEE (-15V)
8
TX DATA IN B
20
VCC (+15V)
9
TX DATA OUT B / RX DATA IN B
21
AMPL CONTROL
10
TX DATA OUT B / RX DATA IN B
22
THRESHOLD A
11
RX DATA OUT B
23
THRESHOLD A
12
RX DATA OUT B
24
TX INHIBIT A
All dimensions in inches
.200
MAX
1.270
MAX
.620
MAX
.150
MIN
.030
.010
.019
.015
.590
.610
.008
.012
12
13
24
Pin# 1 & ESD
Designator
.050
TYP
PACKAGE CONFIGURATION OUTLINE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com