Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-324-R04-0300 Datasheet(PDF) 2 Page - PIC GmbH

Part # HS-324-R04-0300
Description  Flatpack Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

HS-324-R04-0300 Datasheet(HTML) 2 Page - PIC GmbH

  HS-324-R04-0300 Datasheet HTML 1Page - PIC GmbH HS-324-R04-0300 Datasheet HTML 2Page - PIC GmbH HS-324-R04-0300 Datasheet HTML 3Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HS-324R-04-0300
Latching 2 - Wire
Flatpack Hall Effect Sensor
HS-324-R04-0300
HS-324-R04-0300
Page
of 3
Rev. 1.3, 11.02.2016, (006, 009, 008)
hs324r_04_0300_ds_e_1.3
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
info@pic-gmbh.com
pic-gmbh.com
Magnetic Characteristics Overview
Magnetic Characteristics Overview
Characteristics
2
At recommended operation conditions if not otherwise specified in the column
"Conditions".
Typical characteristics for TJ = 25 °C and VSUP = 12 V
Symbol
Parameter
wire colour
Min.
Typ.
Max.
Unit
Conditions
Supply
ISUPIo
Low supply current
red
5
7
mA
ISUPIo
High supply current
red
12
17
mA
ISUPhi
Reverse current
red
1
mA
for VSUP = - 18 V
Output
tf
Output fall time1)
1µs
1) VSUP = 12 V;
tf
Output rise time
1µs
td
Delay time 1)
16
µs
tsamp
Output refresh period
1.6
2
2.66
µs
ten
Enable time of output after settling of VSUP
50
µs
VSUP = 12 V
B > Bon + 2 mT or B < Boff -2 mT
Power-on-self-test
Self test can be triggered externally; details on request
1) Guaranteed by design
Symbol
Parameter
wire colour
Min.
Max.
Unit
Conditions
VSUP
Supply voltage
red
3.0
24
V
Symbol
Parameter
wire colour
Min.
Typ.
Max.
Unit
Conditions
BONth
ON threshold range 1)
-- 30
30
mT
BOOth
OFF threshold range 1)
-- 30
30
mT
Bth
Adjustable step size 2)
-0.5
mT
TC
Temperatur compensation of
-
0
- 3000
ppm/K
magnetic thresholds 3)
1) Avaible range
2) Small steps at small values, bigger steps at higher values. May not be undercut
3) Different temperature compensation avaible on request
Recommended Operating Conditions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com