Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-324-R04-0300 Datasheet(PDF) 1 Page - PIC GmbH

Part # HS-324-R04-0300
Description  Flatpack Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

HS-324-R04-0300 Datasheet(HTML) 1 Page - PIC GmbH

  HS-324-R04-0300 Datasheet HTML 1Page - PIC GmbH HS-324-R04-0300 Datasheet HTML 2Page - PIC GmbH HS-324-R04-0300 Datasheet HTML 3Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HS-324R-04-0300
Latching 2 - Wire
Flatpack Hall Effect Sensor
HS-324-R04-0300
HS-324-R04-0300
Page
of 3
Rev. 1.3, 11.02.2016, (006, 009, 008)
hs324r_04_0300_ds_e_1.3
PIC Proximity Instrumentation Controls
Kontaktbauelemente GmbH
Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax
+49 911 99 59 06-99
info@pic-gmbh.com
pic-gmbh.com
Environmental Characteristics
Environmental Characteristics
Dimensions
Dimensions
* other positions on request
Absolute Maximum Ratings
Absolute Maximum Ratings
Approvals
Approvals
Features
Features
Block Diagram
Block Diagram
1
› Compact size
› Various switching sensivity
› Various switching points avaible
› Customized types avaible
1
)
No cumulative stress
All voltages listed are referenced to ground (GND)
Operating temperature
- 20 to + 85
°C
Symbol
Parameter
wire colour
Min.
Max.
Unit
Conditions
VSUP
Supply voltage
red
- 18
V
t < 1000 h 1)
-28
V
t < 96 h 1)
-32
V
t < 5 min 1)
-
40
V
t < 5 x 400 ms 1)
with series resistor RV> 100 Ohm
VOUT
Output voltage
red
- 0.5
V
t < 1000 h 1)
-28
V
t < 96 h 1)
-32
V
t < 5 min 1)
-
40
V
t < 5 x 400 ms 1)
with series resistor RV > 100 Ohm
IO
Output current
red
-
65
mA
IOR
Reverse output current
red
- 50
mA
Product image serves as example only.
*
Wire Assignment
Wire Assignment
Name
Function
Cable colour
VSUP
GND
Supply voltage
Ground
red
black
Material Information
Material Information
Housing
Cable
Potting compound
ABS
UL1007/1569, AWG 24
Epoxy
black
red, black
black
Material
Colour
HS-324R-04-0300
wire
length [mm]


Similar Part No. - HS-324-R04-0300

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HS-324-01-0300 PIC-HS-324-01-0300 Datasheet
96Kb / 1P
Flatpack Hall Effect Sensor
HS-324-02-0300 PIC-HS-324-02-0300 Datasheet
199Kb / 3P
Flatpack Hall Effect Sensor
HS-324-03-0300 PIC-HS-324-03-0300 Datasheet
147Kb / 3P
Flatpack Hall Effect Sensor
HS-324-04-0300 PIC-HS-324-04-0300 Datasheet
205Kb / 3P
Flatpack Hall Effect Sensor
HS-324-05-0300 PIC-HS-324-05-0300 Datasheet
171Kb / 3P
Flatpack Hall Effect Sensor
More results

Similar Description - HS-324-R04-0300

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HS-324-01-0300 PIC-HS-324-01-0300 Datasheet
96Kb / 1P
Flatpack Hall Effect Sensor
HS-324-02-0300 PIC-HS-324-02-0300 Datasheet
199Kb / 3P
Flatpack Hall Effect Sensor
HS-324-03-0300 PIC-HS-324-03-0300 Datasheet
147Kb / 3P
Flatpack Hall Effect Sensor
HS-324-04-0300 PIC-HS-324-04-0300 Datasheet
205Kb / 3P
Flatpack Hall Effect Sensor
HS-324-05-0300 PIC-HS-324-05-0300 Datasheet
171Kb / 3P
Flatpack Hall Effect Sensor
HS-324R-01-0300 PIC-HS-324R-01-0300 Datasheet
119Kb / 3P
Flatpack Hall Effect Sensor
HS-324R-02-0300 PIC-HS-324R-02-0300 Datasheet
195Kb / 3P
Flatpack Hall Effect Sensor
HS-324R-05-0300 PIC-HS-324R-05-0300 Datasheet
171Kb / 3P
Flatpack Hall Effect Sensor
HS-324R-04-0300 PIC-HS-324R-04-0300 Datasheet
197Kb / 3P
Flatpack Hall Effect Sensor
HS-324R-03-0300 PIC-HS-324R-03-0300 Datasheet
143Kb / 3P
Flatpack Hall Effect Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com