Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT90NHBD Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT90NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT90NHBD Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT90NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Semicustom Products
UT90nHBD Hardened-by-Design (HBD)
Standard Cell
Preliminary Data Sheet
August 2014
www.aeroflex.com/RadHardASIC
FEATURES
 Up to 50,000,000 2-input NAND equivalent gates with
a 1.0V Core using standard cell architecture
 Toggle rates up to 5.0 GHz
 Advanced 90nm silicon gate CMOS processed in a com-
mercial fab
 Operating voltages: 2.5V and 1.8V I/O; 1.0V core
 Radiation hardened from 100 krads(Si) to 1 Mrads(Si)
total dose available
 Comprehensive set of core standard cells with multiple
Vt options for optimizing speed and power
 Design support for Mentor Graphics®, Synopsys®,
Verilog and VHDL design languages on Sun(TM) and
Linux workstations
 Power dissipation of 7nW/MHz/gate at V
DDCORE 1.0V
and 20% duty cycle
 External chip capacitor attachment option available to
space quality levels (for improved SSO response)
 UT90nHBD ASIC technology is available under Aero-
flex’s Accreditation of Trust Category 1A from design
through device qualification and delivery.
 QML Class Y non-hermetic Flip Chip ceramic
packaging
 Standard Microelectronics Drawing - 5962-14B01
PRODUCT DESCRIPTION
The high-performance UT90nHBD Hardened-by-Design
ASIC standard cell family features densities up to, and be-
yond 50,000,000 equivalent NAND2 gates.
The deep submicron ASIC family uses a highly efficient
standard cell architecture for the internal cell instantiation.
Combined with state-of-the-art place and route tools, the
area utilization and signal interconnect of transistors is max-
imized using eight levels of copper metal interconnect.
Extensive Cell Library
The UT90nHBD standard cell family is supported by an
extensive cell library with over 900 elements. User select-
able options for cell configurations include scan for all
register elements, output drive strengths (1x to 30x) and
transistor threshold voltages (LVt, RVt). Refer to Aeroflex’s
UT90nHBD Design Manual for complete cell listing and
details.
Aeroflex Gaisler IP
We offer Aeroflex Gaisler Processor IP. A complete library
of Aeroflex Gaisler IP can be reviewed at www.Aero-
flex.com/Gaisler.


Similar Part No. - UT90NHBD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT90N03 UTC-UT90N03 Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TM3-T UTC-UT90N03G-TM3-T Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TN3-R UTC-UT90N03G-TN3-R Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TQ2-R UTC-UT90N03G-TQ2-R Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
UT90N03G-TQ2-T UTC-UT90N03G-TQ2-T Datasheet
231Kb / 6P
90A, 30V N-CHANNEL(D-S) POWER MOSFET
More results

Similar Description - UT90NHBD

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
logo
Advanced Monolithic Sys...
AMS2301 AMS-AMS2301 Datasheet
503Kb / 7P
 Super high density cell design for
logo
Lowpower Semiconductor ...
LPM9029C POWER-LPM9029C Datasheet
361Kb / 5P
Super high density cell design
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
UT130NHBD AEROFLEX-UT130NHBD Datasheet
75Kb / 8P
Hardened-by-Design (HBD) Standard Cell
logo
SemiHow Co.,Ltd.
HRLE320N03K SEMIHOW-HRLE320N03K Datasheet
266Kb / 7P
Low Dense Cell Design
HRLO180N10K SEMIHOW-HRLO180N10K Datasheet
241Kb / 7P
High Dense Cell Design
HRLO250N10K SEMIHOW-HRLO250N10K Datasheet
252Kb / 7P
High Dense Cell Design
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com