Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT90NHBD Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT90NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT90NHBD Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT90NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT90NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
I/O Buffers
The UT90nHBD library offers extensive I/O cell options. The
I/O library contains 36 different general purpose CMOS func-
tional I/O pads. A rich set of LVDS inputs and outputs support
data rates up to 1.2Gbps with optional on-chip terminations.
The LVDS family of buffers include several drive strengths for
point-to-point, multi-point, and Bus-LVDS applications. The
LVDS buffers have programmable slew rate control. 2.5V and
1.8V LVDS cells are available to optimize for speed and power
in the system design.
Other I/O buffer features and options include:
 Basic Input, Output, and Bi-directional
 9mA and 18mA drive strength
 Slew rate control
 Schmitt Trigger
 Tri-State
 Open Drain
 SSTL 1.8V/2.5V
Cold Sparing
The UT90nHBDI/O library includes a set of cold sparing I/O
cells that enables the user to design for system redundancy.
These cold sparing cells present a high input impedance to the
system interface when powered off assuring that the cold spared
redundant device does not draw power.
Macro Cells
The UT90nHBD library includes a macro cell library that en-
ables system-on-a-chip (SOC) design. The following macros
are currently available:
 Clock Generator PLL
 3.125 Gbps SerDes Tx/Rx lane
 1, 2 and 4-lane 10 Gbps SerDes Macro
 Embedded die temperature resistor
Embedded SRAM
Aeroflex offers a comprehensive set of compiled embedded
memories to meet your ASIC architectural needs. Features
include:
 Single and Dual Port SRAM compiler
 Single and Two Port Register File compiler
 Operating frequencies of 400MHz and higher
 Optional EDAC RTL generation: 1 or 2 bit detect, 1 bit correct
 Configurable word write mask
 Optional integrated BIST Mux/Collar
 All standard EDA views supported
Clock Driver Distribution
Aeroflex design tools provide methods for balanced clock dis-
tribution that maximize drive capability and minimize
relative clock skew between clocked devices. The
UT90nHBD PLL’s all include optional external clock feed-
back to support clock de-skew applications.
Speed and Performance
Aeroflex specializes in high-performance circuits designed to
operate in harsh military and radiation environments. The
UT90nHBD library offers cells in both regular Vt and low Vt
allowing the user to trade speed for power. The cells can be
mixed on the same die providing local solutions for critical
paths without sacrificing full chip power consumption.
Power Dissipation and Power Estimation Tools
Each internal gate or I/O driver has an average power
consumption based on its switching frequency and
capacitive loading. Radiation-tolerant processes exhibit
power dissipation that is typical of CMOS processes. A power
estimation spreadsheet that is useful for architecture trade-off
analysis is available in the customer toolkit. For a more
rigorous power estimating methodology, the synthesis library
in the customer design toolkit supports pre-layout and post-
layout power analysis. For additional information, refer to the
Aeroflex UT90nHBD Design Manual or consult with an
Aeroflex Applications Engineer.
Packaging
Both Flip Chip and Wire Bond packaging is available for the
UT90nHBD ASICs. Standard pin counts range from 624 to
1752 in both ceramic CGAand Column attach options. Heat
sink and decoupling capacitors are available in the Class Y
package.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com