Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433CPC Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT64BS1X433CPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433CPC Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT64BS1X433CPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 18Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
PARAMETER MEASUREMENT INFORMATION
Figure 2. Load Circuit
Figure 3. Bussed Signals Turn-on Time
Figure 4. Bussed Signals Turn-off Time
VDD
100
Ω
100
Ω
50pF
From Out-
VDD/2
VDD/2 + 0.3
VDD/2 - 0.3
INPUT
OUTPUT
VDD
0V
VDD/2
VDD/2
3VDD/4
VDD/4
Notes:
1. The bus input is driven to VDD or VSS through a
VDD/2
VDD/4 + 0.3
INPUT
OUTPUT
VDD
0V
VDD/4
VDD/2
3VDD/4 - 0.3
3VDD/4
VDD/2
Notes:
1. The bus input is driven to VDD or VSS through a
VDD/2
VDD/2
INPUT
OUTPUT
VDD
0V
VOH
VOL
Figure 5. Logic and Buffered Output Delay
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com