Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT64BS1X433CPC Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT64BS1X433CPC
Description  Matrix-ATM 64-Channel 1-4 Bus Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT64BS1X433CPC Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT64BS1X433CPC Datasheet HTML 1Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 2Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 3Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT64BS1X433CPC Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
INTRODUCTION
The UT64BS1X433 64-Channel 1:4 Bus Switch is built on a 0.35
μm Triple-Well CMOS process. The device incorporates control
logic that electrically connects input bank A to the output banks B0-B3, depending upon the selected channel. The control logic also
decodes the address pins to provide chip-select outputs to up to 32 discrete memory devices. To ensure that important memory con-
trol lines e.g. RD and WR are consistently driven, regardless of the switching logic, the Matrix-A provides two 2-to-4 fanout buf-
fers. Typical applications will connect the processor or memory controller’s RD and WR output signals to XIN and YIN on the
Matrix-A, and tie the corresponding XOUTn and YOUTn to the RD and WR memory inputs on each bank.
Figure 1. UT64BS1X433 Functional Block Diagram
Channel Select
Decoder Logic
0A
63A
MODE
RAMS
ROMS
ASEL[2:0]
BSEL[2:0]
BANK[1:0]
0B0
0B1
0B2
0B3
63B0
63B1
63B2
63B3
CS3[7:0]
CS2[7:0]
CS1[7:0]
CS0[7:0]
XIN[0]
YIN[0]
XOUT0
XOUT1
XOUT2
XOUT3
YOUT0
YOUT1
YOUT2
YOUT3
S
S
S
S
S
S
S
S
XIN[1]
YIN[1]
36-00-03-001
Aeroflex Microelectronics Solutions - HiRel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com