Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028548 Datasheet(PDF) 4 Page - SICK AG

Part # 1028548
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028548 Datasheet(HTML) 4 Page - SICK AG

  1028548 Datasheet HTML 1Page - SICK AG 1028548 Datasheet HTML 2Page - SICK AG 1028548 Datasheet HTML 3Page - SICK AG 1028548 Datasheet HTML 4Page - SICK AG 1028548 Datasheet HTML 5Page - SICK AG 1028548 Datasheet HTML 6Page - SICK AG 1028548 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PLG3-210F431 | PLG
SWITCHING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
PLG3
1
2
3
4
4
5
RL
DH
A
L1
120 (4.72)
36 (1.42)
199 (7.83)
162 (6.38)
210 (8.27)
26 (1.02)
279 (10.98)
242 (9.53)
270 (10.63)
36 (1.42)
349 (13.74)
312 (12.28)
360 (14.17)
26 (1.02)
429 (16.89)
392 (15.43)
420 (16.54)
36 (1.42)
499 (19.65)
462 (18.19)
16.5
(0.65)
19.2
(0.76)
11
(0.43)
Ø 5.3
(0.21)
36.6
(1.44)
①  Detection height (DH)
②  Indicator Power on: green; beam status: yellow
③  Job LED, green
④  Mounting hole, Ø 5.3 mm
⑤  Configuration switches
Adjustments
PLG3
Configuration over switches
Switch 1
D
Output active, in case
of blocked beams
L
Output inactive, in case
of blocked beams
Switch 2
Steady
Job-LED steady
Flash
Job-LED flashes, 3 Hz
D
1
2
L
Steady
Flash



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com