Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1028548 Datasheet(PDF) 6 Page - SICK AG

Part # 1028548
Description  SWITCHING AUTOMATION LIGHT GRIDS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1028548 Datasheet(HTML) 6 Page - SICK AG

  1028548 Datasheet HTML 1Page - SICK AG 1028548 Datasheet HTML 2Page - SICK AG 1028548 Datasheet HTML 3Page - SICK AG 1028548 Datasheet HTML 4Page - SICK AG 1028548 Datasheet HTML 5Page - SICK AG 1028548 Datasheet HTML 6Page - SICK AG 1028548 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PLG3-210F431 | PLG
SWITCHING AUTOMATION LIGHT GRIDS
6
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-03-09 17:40:10
Subject to change without notice
Brief description
Type
Part no.
Sliding nuts with spring metal ball for ITEM profile, 2x slot 6 and slot 8, including mount-
ing material, Mounting hardware included with every 2 x slot 6 and slot 8
BEF-NSIT-PLG
2041045
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1204-G05M
6009866
Reflectors
On aluminum profile for PLG, 16.5 mm x 194.3 mm, 2 hole mounting, Screw-on, 2 hole
mounting
REF-PLG120
1029196
Reflective tape on aluminium profile, 16.5 mm x 274.3 mm, 2 hole mounting, Screw-on,
2 hole mounting
REF-PLG210
1029197
Reflective tape on aluminium profile, 16.5 mm x 344.3 mm, 2 hole mounting, Screw-on,
2 hole mounting
REF-PLG270
1029198
Reflective tape on aluminium profile, 16.5 mm x 424.3 mm, 2 hole mounting, Screw-on,
2 hole mounting
REF-PLG360
1029199
Reflective tape on aluminium profile, 16.5 mm x 494.3 mm, 2 hole mounting, Screw-on,
2 hole mounting
REF-PLG420
1029200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com