Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243E Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3243E
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243E Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3243E Datasheet HTML 6Page - Sipex Corporation SP3243E Datasheet HTML 7Page - Sipex Corporation SP3243E Datasheet HTML 8Page - Sipex Corporation SP3243E Datasheet HTML 9Page - Sipex Corporation SP3243E Datasheet HTML 10Page - Sipex Corporation SP3243E Datasheet HTML 11Page - Sipex Corporation SP3243E Datasheet HTML 12Page - Sipex Corporation SP3243E Datasheet HTML 13Page - Sipex Corporation SP3243E Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
PACKAGE: PLASTIC THIN SMALL
OUTLINE (TSSOP)
Gage
Plane
1.0 OIA
e
0.169 (4.30)
0.177 (4.50)
0.252 BSC (6.4 BSC)
0’-8’ 12’REF
0.039 (1.0)
e/2
0.039 (1.0)
0.126 BSC (3.2 BSC)
D
0.007 (0.19)
0.012 (0.30)
0.033 (0.85)
0.037 (0.95)
0.002 (0.05)
0.006 (0.15)
0.043 (1.10) Max
(
θ3)
1.0 REF
0.020 (0.50)
0.026 (0.75)
(
θ1)
0.004 (0.09) Min
0.004 (0.09) Min
0.010 (0.25)
(
θ2)
0.008 (0.20)
DIMENSIONS
in inches (mm)
Minimum/Maximum
Symbol
24 Lead
D
0.303/0.311
(7.70/7.90)
e
0.026 BSC
(0.65 BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com