Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3243E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3243E
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3243E Datasheet(HTML) 2 Page - Sipex Corporation

  SP3243E Datasheet HTML 1Page - Sipex Corporation SP3243E Datasheet HTML 2Page - Sipex Corporation SP3243E Datasheet HTML 3Page - Sipex Corporation SP3243E Datasheet HTML 4Page - Sipex Corporation SP3243E Datasheet HTML 5Page - Sipex Corporation SP3243E Datasheet HTML 6Page - Sipex Corporation SP3243E Datasheet HTML 7Page - Sipex Corporation SP3243E Datasheet HTML 8Page - Sipex Corporation SP3243E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
CC.......................................................-0.3V to +6.0V
V+ (NOTE 1).......................................-0.3V to +7.0V
V- (NOTE 1)........................................+0.3V to -7.0V
V+ + |V-| (NOTE 1)...........................................+13V
I
CC (DC VCC or GND current).........................+100mA
SPECIFICATIONS
V
CC = +3.0 to +5.5, C1 -C4 = 0.1µF (tested at 3.3V + 5%), C1-C4 = 0.22µF (tested at 3.3V + 10%), C1 = 0.047µF, and C2-C4 = 0.33µF (tested at 5.0V
+ 10%), T
A = TMIN to TMAX, unless otherwise noted.
Typical values are at T
A = +25°C.)
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
Input Voltages
TxIN ...................................................-0.3V to +6.0V
RxIN...................................................................+25V
Output Voltages
TxOUT.............................................................+13.2V
RxOUT,......................................-0.3V to (V
CC + 0.3V)
Short-Circuit Duration
TxOUT.....................................................Continuous
Storage Temperature......................-65
°C to +150°C
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Supply Current
0.3
1.0
mA
VCC, no load
LOGIC INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold
LOW
0.8
V
VCC = +3.3V or +5.0V, TxIN
HIGH
2.4
V
VCC = +3.3V or +5.0V, TxIN
Input Leakage Current
±0.01
±1.0
µA
TxIN, TA = 25°C
Output Voltage LOW
0.4
V
IOUT = 1.6mA
Output Voltage HIGH
VCC - 0.6
VCC - 0.1
V
IOUT = -1.0mA
DRIVER OUTPUTS
Output Voltage Swing
±5.0
±5.4
V
All driver outputs loaded with
3K
Ω to GND
Output Resistance
300
Ω
VCC = V+ = V- = 0V, VOUT = ±2V
Output Short-Circuit Current
±35
±60
mA
VOUT = GND
RECEIVER INPUTS
Input Voltage Range
-25
25
V
Input Threshold LOW
0.6
1.2
V
VCC = 3.3V
Input Threshold LOW
0.8
1.5
V
VCC = 5.0V
Input Threshold HIGH
1.5
2.4
V
VCC = 3.3V
Input Threshold HIGH
1.8
2.4
V
VCC = 5.0V
Input Hysteresis
0.5
V
Input Resistance
3
5
7
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com