Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECY Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3249ECY
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECY Datasheet(HTML) 1 Page - Sipex Corporation

  SP3249ECY Datasheet HTML 1Page - Sipex Corporation SP3249ECY Datasheet HTML 2Page - Sipex Corporation SP3249ECY Datasheet HTML 3Page - Sipex Corporation SP3249ECY Datasheet HTML 4Page - Sipex Corporation SP3249ECY Datasheet HTML 5Page - Sipex Corporation SP3249ECY Datasheet HTML 6Page - Sipex Corporation SP3249ECY Datasheet HTML 7Page - Sipex Corporation SP3249ECY Datasheet HTML 8Page - Sipex Corporation SP3249ECY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
SP3249E
Intelligent +3.0V to +5.5V RS-232 Transceivers
The SP3249E device is an RS-232 transceiver solution intended for portable or hand-held
applications such as notebook and palmtop computers. The SP3249E uses an internal
high-efficiency, charge-pump power supply that requires only 0.1
µF capacitors in 3.3V
operation. This charge pump and Sipex's driver architecture allow the SP3249E device to
deliver compliant RS-232 performance from a single power supply ranging from +3.0V to
+5.0V. The SP3249E is a 5-driver/3-receiver device, ideal for laptop/notebook computer and
PDA applications.
s Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
s Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a +2.7V
power source
s Minimum 250Kbps data rate under load
s Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
s Enhanced ESD Specifications:
+15KV Human Body Model
+15KV IEC1000-4-2 Air Discharge
+8KV IEC1000-4-2 Contact Discharge
DESCRIPTION
SELECTION TABLE
Applicable U.S. Patents - 5,306,954; and other patents pending.
®
Part
Power
RS-232
RS-232
External
AUTO ON-LINE™
TTL
Number
Number
Supplies
Drivers
Receivers
Components
Circuitry
3-State
of Pins
SP3223E
+3.0V to +5.5V
2
2
4 capacitors
YES
YES
20
SP3243E
+3.0V to +5.5V
3
5
4 capacitors
YES
YES
28
SP3238E
+3.0V to +5.5V
5
3
4 capacitors
YES
YES
28
SP3239E
+3.0V to +5.5V
5
3
4 capacitors
NO
YES
28
SP3249E
+3.0V to +5.5V
5
3
4 capacitors
NO
NO
24


Similar Part No. - SP3249ECY

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3249E EXAR-SP3249E Datasheet
719Kb / 16P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results

Similar Description - SP3249ECY

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223 SIPEX-SP3223 Datasheet
165Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com