Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECY Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3249ECY
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECY Datasheet(HTML) 3 Page - Sipex Corporation

  SP3249ECY Datasheet HTML 1Page - Sipex Corporation SP3249ECY Datasheet HTML 2Page - Sipex Corporation SP3249ECY Datasheet HTML 3Page - Sipex Corporation SP3249ECY Datasheet HTML 4Page - Sipex Corporation SP3249ECY Datasheet HTML 5Page - Sipex Corporation SP3249ECY Datasheet HTML 6Page - Sipex Corporation SP3249ECY Datasheet HTML 7Page - Sipex Corporation SP3249ECY Datasheet HTML 8Page - Sipex Corporation SP3249ECY Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
SPECIFICATIONS
V
CC = +3.0 to +5.5, C1 -C4 = 0.1µF (tested at 3.3V + 5%), C1-C4 = 0.22µF (tested at 3.3V + 10%), C1 = 0.047µF, and C2-C4 = 0.33µF (tested at 5.0V
+ 10%), T
A = TMIN to TMAX, unless otherwise noted.
Typical values are at T
A = +25°C.)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TIMING CHARACTERISTICS
Maximum Data Rate
250
kbps
RL = 3kΩ, CL = 1000pF, one
driver switching
Receiver Propagation Delay
tPHL
0.15
µs
Receiver input to receiver
output, CL = 150pF
tPLH
0.15
µs
Receiver input to receiver
output, CL = 150pF
Receiver Output Enable Time
200
ns
Normal operation
Receiver Output Disable Time
200
ns
Normal operation
Driver Skew
100
ns
I tPLH - tPLH I,TA = 25°C
Receiver Skew
50
ns
I tPLH - tPLH I
Transition-Region Slew Rate
30
V/
µsV
CC = 3.3V, RL = 3kΩ,
TAMB =25°C, measurements
taken from -3.0V to +3.0V or
+3.0V to -3.0V
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250kbps data rate, all drivers loaded with 3kΩ, 0.1µF charge
pump capacitors, and T
AMB = +25°C.
TRANSMITTER OUTPUT vs. LOAD CAPACITANCE
-6
-4
-2
0
2
4
6
0
1000
2000
3000
4000
5000
pF
VOH
VOL
SLEW RATE vs. LOAD CAPACITANCE
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
pF
POS. SR
NEG SR
Figure 3. Supply Current vs. Load Capacitance when
Transmitting Data
SUPPLY CURRENT vs LOAD CAPACITANCE
0
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
pF
250Kbps
120Kbps
20Kbps
Figure 1. Transmitter Output vs. Load Capacitance
Figure 2. Slew Rate vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com