Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4007C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4007C
Description  Dual Complementary Pair Plus Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4007C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4007C Datasheet HTML 1Page - National Semiconductor (TI) CD4007C Datasheet HTML 2Page - National Semiconductor (TI) CD4007C Datasheet HTML 3Page - National Semiconductor (TI) CD4007C Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics CD4007M
TA e 25 C and CL e 15 pF and rise and fall times e 20 ns Typical temperature coefficient for all values of VDD e 03% C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH e tPHL
Propagation Delay Time
VDD e 50V
35
60
ns
VDD e 10V
20
40
ns
tTLH e tTHL
Transition Time
VDD e 50V
50
75
ns
VDD e 10V
30
40
ns
CI
Input Capacitance
Any Input
50
pF
AC Parameters may be generated by DC correlated testing
AC Electrical Characteristics CD4007C
TA e 25 C and CL e 15 pF and rise and fall times e 20 ns Typical temperature coefficient for all values of VDD e 03% C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH e tPHL
Propagation Delay Time
VDD e 50V
35
75
ns
VDD e 10V
20
50
ns
tTLH e tTHL
Transition Time
VDD e 50V
50
100
ns
VDD e 10V
30
50
ns
CI
Input Capacitance
Any Input
5
pF
AC Parameters are guaranteed by DC correlated testing
AC Test Circuits
TLF5943 – 2
TLF5943 – 3
TLF5943 – 4
Switching Time Waveforms
TLF5943 – 5
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com