Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4007C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4007C
Description  Dual Complementary Pair Plus Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4007C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4007C Datasheet HTML 1Page - National Semiconductor (TI) CD4007C Datasheet HTML 2Page - National Semiconductor (TI) CD4007C Datasheet HTML 3Page - National Semiconductor (TI) CD4007C Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5943
February 1988
CD4007MCD4007C Dual
Complementary Pair Plus Inverter
General Description
The CD4007MCD4007C consists of three complementary
pairs of N- and P-channel enhancement mode MOS transis-
tors suitable for seriesshunt applications All inputs are pro-
tected from static discharge by diode clamps to VDD and
VSS
For proper operation the voltages at all pins must be con-
strained to be between VSS b 03V and VDD a 03V at all
times
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VCC (typ)
Connection Diagram
Dual-In-Line Package
TLF5943 – 1
Top View
Note
All P-channel substrates are connected to VDD
and all N-channel substrates are connected to VSS
Order Number CD4007
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4007C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
CD4007CM FAIRCHILD-CD4007CM Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
CD4007CN FAIRCHILD-CD4007CN Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
More results

Similar Description - CD4007C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
240Kb / 8P
Dual Complementary Pair Plus Inverter
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Sep-1988
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
Dual Complementary Pair plus Inverter
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
CMOS Dual Complementary Pair Plus Inverter
November 1994
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
DUAL COMPLEMENTARY PAIR PLUS INVERTER
Mar-2004
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com