Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4009M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4009M
Description  Hex Buffers (Inverting)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4009M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4009M Datasheet HTML 1Page - National Semiconductor (TI) CD4009M Datasheet HTML 2Page - National Semiconductor (TI) CD4009M Datasheet HTML 3Page - National Semiconductor (TI) CD4009M Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5945
February 1988
CD4009MCD4009C Hex Buffers (Inverting)
CD4010MCD4010C Hex Buffers (Non-Inverting)
General Description
These hex buffers are monolithic complementary MOS
(CMOS) integrated circuits The N- and P-channel enhance-
ment mode transistors provide a symmetrical circuit with
output swings essentially equal to the supply voltage This
results in high noise immunity over a wide supply voltage
range No DC power other than that caused by leakage cur-
rent is consumed during static conditions All inputs are pro-
tected against static discharge These gates may be used
as hex buffers CMOS to DTL or TTL interface or as CMOS
current drivers Conversion ranges are from 3V to 15V pro-
viding VCC s VDD
Features
Y
Wide supply voltage range
30V to 15V
Y
Low power
100 nW (typ)
Y
High noise immunity
045 VDD (typ)
Y
High current sinking
8 mA (min) at VO e 05V
capability
and VDD e 10V
Applications
Y
Automotive
Y
Alarm system
Y
Data terminals
Y
Industrial controls
Y
Instrumentation
Y
Remote metering
Y
Medical electronics
Y
Computers
Schematic and Connection Diagrams
Dual-In-Line Package
TLF5945 – 2
Top View
Dual-In-Line Package
TLF5945 – 4
Top View
Order Number CD4009 or CD4010
CD4009MCD4009C
Hex COSMOS to DTL or TTL
TLF5945 – 1
converter (non-inverting)
Connect VCC to DTL or TTL supply
Connect VDD to COSMOS supply
CD4010MCD4010C
Hex COSMOS to DTL or TTL
TLF5945 – 3
converter (inverting)
Connect VCC to DTL or TTL supply
Connect VDD to COSMOS supply
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4009M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
Hex Buffers
More results

Similar Description - CD4009M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B Datasheet
19Kb / 1P
HEX inverting buffers
January 1995
HEF4049B NXP-HEF4049B Datasheet
73Kb / 11P
Hex inverting buffers
Rev. 05-11 November 2008
HEF4049BP.652 NXP-HEF4049BP.652 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
Hex inverting buffers
Rev. 9-18 November 2011
logo
Texas Instruments
SN54ALS1005 TI1-SN54ALS1005_14 Datasheet
756Kb / 14P
HEX INVERTING BUFFERS
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
Hex inverting buffers
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
HEF4049B NEXPERIA-HEF4049B Datasheet
724Kb / 12P
Hex inverting buffers
Rev. 11 - 23 June 2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com