Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4009M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4009M
Description  Hex Buffers (Inverting)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4009M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4009M Datasheet HTML 1Page - National Semiconductor (TI) CD4009M Datasheet HTML 2Page - National Semiconductor (TI) CD4009M Datasheet HTML 3Page - National Semiconductor (TI) CD4009M Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin (Note 1)
VSS b 03V to VSS a155V
Operating Temperature Range
CD40XXM
b
55 Cto a125 C
CD40XXC
b
45 Cto a85 C
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Operating Range (VDD)VSS a 3V to VSS a 15V
DC Electrical Characteristics
Test
Limits
Symbol
Characteristics
Conditions
CD40XXM
CD40XXC
Units
(Volts)
b
55 C
a
25 C
a
125 C
b
40 C
a
25 C
a
85 C
VO
VDD Min Max Min
Typ Max Min Max Min Max Min Typ Max Min Max
ICC
Quiescent Device
5
03
001 03
20
3
003 3
42
m
A
Current
10
05
001 05
30
5
005 5
70
m
A
PD
Quiescent Device
5
15
005 15
100
15
015 15
210 mW
DissipationPackage
10
5
01
5
300
50
05 50
700 mW
Output Voltage
5
001
0
001
005
001
0 001
005
V
VOL
Low Level
10
001
0
001
005
001
0 001
005
V
VOH
High Level
5
499
499
5
495
499
499
5
495
V
10
999
999
10
995
999
999
10
995
V
Noise Immunity
(All Inputs)
VNL
CD4009M
VO t 40
5
1
1
225
09
1
1
225
09
V
VO t 80
10
2
2
45
19
2
2
45
19
V
VNL
CD4010M
VO t 15
5
16
15
225
14
16
15 225
14
V
VO t 30
10
32
3
45
29
32
3
45
29
V
VNH
VO t 35
5
14
15
225
15
14
15 225
15
V
VO t 70
10
29
3
45
3
29
3
45
3
V
Output Drive Current
04
5
375
3
4
21
36
3
24
mA
IDN
N-Channel (Note 2)
05
10
10
8
10
56
96
8
64
mA
IDP
P-Channel (Note 2)
25
5
b
185
b
125 b175
b
09
b
15
b
125
b
1mA
95
10
b
09
b
06 b08
b
04
b
072
b
06
b
048
mA
IIN
Input Current
10
10
pA
Note 1
This device should not be connected to circuits with the power on because high transient voltage may cause permanent damage
Note 2
IDN and IDP are tested one output at a time
AC Electrical Characteristics
TA e 25 c CL e 15 pF unless otherwise noted Typical Temperature coefficient for all values of VDD e 03% C
Test
Limits
Characteristics
Conditions
CD40XXM
CD40XXC
Units
VDD
Min
Typ
Max
Min
Typ
Max
(Volts)
Propagation Delay Time
VCC e VDD
5
15
55
15
70
High-to-Low Level (tPHL)
10
10
30
10
40
ns
VDD e 10V
1025
10
35
VCC e 5V
Low-to-High Level (tPLH)VCC e VDD
5
50
80
50
100
10
25
55
25
70
VDD e 10V
15
30
15
40
ns
VCC e 5V
Transition Time
VCC e VDD
5
20
45
20
60
ns
High-to-Low Level (tTHL)
10
16
40
16
50
Low-to-High Level (tTLH)VCC e VDD
5
80
125
80
160
ns
10
50
100
50
120
Input Capacitance (CI)
Any Input
5
5
pF
AC Parameters are guaranteed by DC correlated testing
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com