Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4015
Description  Dual 4-Bit Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4015 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4015 Datasheet HTML 1Page - National Semiconductor (TI) CD4015 Datasheet HTML 2Page - National Semiconductor (TI) CD4015 Datasheet HTML 3Page - National Semiconductor (TI) CD4015 Datasheet HTML 4Page - National Semiconductor (TI) CD4015 Datasheet HTML 5Page - National Semiconductor (TI) CD4015 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCK OPERATION
tPHL tPLH
Propagation Delay Time
VDD e 5V
230
350
ns
VDD e 10V
80
160
ns
VDD e 15V
60
120
ns
tTHL tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWM
Minimum Clock
VDD e 5V
160
250
ns
Pulse-Width
VDD e 10V
60
110
ns
VDD e 15V
50
85
ns
trCL tfCL
Clock Rise and
VDD e 5V
15
m
s
Fall Time
VDD e 10V
15
m
s
VDD e 15V
15
m
s
tSU
Minimum Data
VDD e 5V
50
100
m
s
Set-Up Time
VDD e 10V
20
40
m
s
VDD e 15V
15
30
m
s
fCL
Maximum Clock
VDD e 5V
2
35
MHz
Frequency
VDD e 10V
45
8
MHz
VDD e 15V
6
11
MHz
CIN
Input Capacitance
Clock Input
75
10
pF
Other Inputs
5
75
pF
RESET OPERATION
tPHL(R)
Propagation Delay Time
VDD e 5V
200
400
ns
VDD e 10V
100
200
ns
VDD e 15V
80
160
ns
tWH(R)
Minimum Reset
VDD e 5V
135
250
ns
Pulse Width
VDD e 10V
40
80
ns
VDD e 15V
30
60
ns
AC Parameters are guaranteed by DC correlated testing
Logic Diagrams
TLF5948 – 2
http
www nationalcom
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com