Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4015 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4015
Description  Dual 4-Bit Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4015 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4015 Datasheet HTML 1Page - National Semiconductor (TI) CD4015 Datasheet HTML 2Page - National Semiconductor (TI) CD4015 Datasheet HTML 3Page - National Semiconductor (TI) CD4015 Datasheet HTML 4Page - National Semiconductor (TI) CD4015 Datasheet HTML 5Page - National Semiconductor (TI) CD4015 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5948
June 1996
CD4015BMCD4015BC Dual 4-Bit Static Shift Register
General Description
The CD4015BMCD4015BC contains two identical 4-stage
serial-inputparallel-output
registers
with
independent
‘‘Data’’ ‘‘Clock’’ and ‘‘Reset’’ inputs The logic level pres-
ent at the input of each stage is transferred to the output of
that stage at each positive-going clock transition A logic
high on the ‘‘Reset’’ input resets all four stages covered by
that input All inputs are protected from static discharge by a
series resistor and diode clamps to VDD and VSS
Features
Y
Wide supply voltage range
30V to 18V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Medium speed operation
8 MHz (typ) clock rate
Y
Fully static design
VDD b VSS e 10V
Applications
Y
Serial-inputparallel-output data queueing
Y
Serial to parallel data conversion
Y
General purpose register
Connection Diagram and Truth Table
Dual-In-Line Package
TLF5948 – 1
CLU
DRQ1
Qn
L 00
0
Qnb1
L 10
1
Qnb1
K X0 Q1
Qn
(No change)
XX
1
0
0
U
Level change
X e Don’t care case
Order Number CD4015B
C1996 National Semiconductor Corporation
RRD-B30M76Printed in U S A
http
www nationalcom


Similar Part No. - CD4015

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4015 FAIRCHILD-CD4015 Datasheet
56Kb / 6P
Dual 4-Bit Static Shift Register
logo
Intersil Corporation
CD4015 INTERSIL-CD4015 Datasheet
118Kb / 8P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
CD4015 INTERSIL-CD4015 Datasheet
74Kb / 3P
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
List of Unclassifed Man...
CD4015 ETC2-CD4015 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
More results

Similar Description - CD4015

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
Dual 4-Bit Static Shift Register
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B Datasheet
251Kb / 12P
Dual 4-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
Dual 4-bit static shift register
January 1995
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
Dual 4-bit static shift register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
Dual 4-Bit Static Shift Register
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
Dual 4-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_14 Datasheet
109Kb / 5P
Dual 64-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
Dual 4-bit static shift register
Rev. 10 - 26 November 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com