Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4019BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4019BC
Description  Quad AND-OR Select Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4019BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4019BC Datasheet HTML 1Page - National Semiconductor (TI) CD4019BC Datasheet HTML 2Page - National Semiconductor (TI) CD4019BC Datasheet HTML 3Page - National Semiconductor (TI) CD4019BC Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC Electrical Characteristics CD4019BC (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
1
003
1
75
m
A
Current
VDD e 10V
2
005
2
15
m
A
VDD e 15V
4
007
4
30
m
A
VOL
Low Level
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
2
15
15
V
Input Voltage
VDD e 10V VO e 10V or 90V
30
4
30
30
V
VDD e 15V VO e 15V or 135V
40
6
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
3
35
V
Input Voltage
VDD e 10V VO e 10V or 90V
70
70
6
70
V
VDD e 15V VO e 15V or 135V
110
110
9
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
1
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
25
09
mA
VDD e 15V VO e 15V
36
30
10
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
02
b
016
b
04
b
012
mA
Current (Note 3)
VDD e 10V VO e 95V
b
05
b
04
b
10
b
03
mA
VDD e 15V VO e 135V
b
14
b
12
b
30
b
10
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5
b
030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
AC Electrical Characteristics TA e 25 C CL e 50 pF RL e 200k unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay
VDD e 5V
100
300
ns
tPLH
Input to Output
VDD e 10V
50
120
ns
VDD e 15V
45
100
ns
tTHL
High-to-Low Level
VDD e 5V
100
200
ns
Transition Time
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tTLH
Low-to-High Level
VDD e 5V
150
300
ns
Transition Time
VDD e 10V
70
140
ns
VDD e 15V
50
100
ns
CIN
Input Capacitance
All A and B Inputs
5
75
pF
KA and KB Inputs
10
15
pF
AC Parameters are guaranteed by DC correlated testing
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com