Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4019BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4019BC
Description  Quad AND-OR Select Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4019BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4019BC Datasheet HTML 1Page - National Semiconductor (TI) CD4019BC Datasheet HTML 2Page - National Semiconductor (TI) CD4019BC Datasheet HTML 3Page - National Semiconductor (TI) CD4019BC Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operation
Conditions (Note 2)
DC Supply Voltage (VDD)
a
3V to a15V
Input Voltage (VIN)
0VtoVDD V
Operating Temperature Range (TA)
CD4019BM
b
55 Cto a125 C
CD4019BC
b
40 Cto a85 C
DC Electrical Characteristics CD4019BM (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
025
003
025
75
m
A
Current
VDD e 10V
05
005
05
15
m
A
VDD e 15V
10
007
10
30
m
A
VOL
Low Level
lIOl k 1 mA
Output Voltage
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level
lIOl k 1 mA
Output Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
2
15
15
V
Input Voltage
VDD e 10V VO e 10V or 90V
30
4
30
30
V
VDD e 15V VO e 15V or 135V
40
6
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
3
35
V
Input Voltage
VDD e 10V VO e 10V or 90V
70
70
6
70
V
VDD e 15V VO e 15V or 135V
110
110
9
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
064
051
1
036
mA
Current (Note 3)
VDD e 10V VO e 05V
16
13
25
09
mA
VDD e 15V VO e 15V
42
34
10
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
025
b
02
b
04
b
014
mA
Current (Note 3)
VDD e 10V VO e 95V
b
062
b
05
b
10
b
035
mA
VDD e 15V VO e 135V
b
18
b
15
b
30
b
11
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
010
b
10b5
b
010
b
10
m
A
VDD e 15V VIN e 15V
010
10b5
010
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The tables of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com