Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4027BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4027BC
Description  Dual J-K Master/Slave Flip-Flop with Set and Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4027BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4027BC Datasheet HTML 1Page - National Semiconductor (TI) CD4027BC Datasheet HTML 2Page - National Semiconductor (TI) CD4027BC Datasheet HTML 3Page - National Semiconductor (TI) CD4027BC Datasheet HTML 4Page - National Semiconductor (TI) CD4027BC Datasheet HTML 5Page - National Semiconductor (TI) CD4027BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF trCL e tfCL e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or tPLH
Propagation Delay Time
VDD e 5V
200
400
ns
from Clock to Q or Q
VDD e 10V
80
160
ns
VDD e 15V
65
130
ns
tPHL or tPLH
Propagation Delay Time
VDD e 5V
170
340
ns
from Set to Q or Reset to Q
VDD e 10V
70
140
ns
VDD e 15V
55
110
ns
tPHL or tPLH
Propagation Delay Time
VDD e 5V
110
220
ns
from Set to Q or
VDD e 10V
50
100
ns
Reset to Q
VDD e 15V
40
80
ns
tS
Minimum Data Setup Time
VDD e 5V
135
270
ns
VDD e 10V
55
110
ns
VDD e 15V
45
90
ns
tTHL or tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
fCL
Maximum Clock Frequency
VDD e 5V
25
5
MHz
(Toggle Mode)
VDD e 10V
62
125
MHz
VDD e 15V
76
155
MHz
trCL or tfCL
Maximum Clock Rise
VDD e 5V
15
m
s
and Fall Time
VDD e 10V
10
m
s
VDD e 15V
5
m
s
tW
Minimum Clock Pulse
VDD e 5V
100
200
ns
Width (tWH e tWL)VDD e 10V
40
80
ns
VDD e 15V
32
65
ns
tWH
Minimum Set and
VDD e 5V
80
160
ns
Reset Pulse Width
VDD e 10V
30
60
ns
VDD e 15V
25
50
ns
CIN
Average Input Capacitance
Any Input
5
75
pF
CPD
Power Dissipation Capacity
Per Flip-Flop
35
pF
(Note 4)
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the
devices should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual
device operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application
note AN-90
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com