Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4027BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4027BC
Description  Dual J-K Master/Slave Flip-Flop with Set and Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4027BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4027BC Datasheet HTML 1Page - National Semiconductor (TI) CD4027BC Datasheet HTML 2Page - National Semiconductor (TI) CD4027BC Datasheet HTML 3Page - National Semiconductor (TI) CD4027BC Datasheet HTML 4Page - National Semiconductor (TI) CD4027BC Datasheet HTML 5Page - National Semiconductor (TI) CD4027BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5958
February 1988
CD4027BMCD4027BC Dual J-K MasterSlave
Flip-Flop with Set and Reset
General Description
These dual J-K flip-flops are monolithic complementary
MOS (CMOS) integrated circuits constructed with N- and P-
channel enhancement mode transistors Each flip-flop has
independent J K set reset and clock inputs and buffered
Q and Q outputs These flip-flops are edge sensitive to the
clock input and change state on the positive-going transition
of the clock pulses Set or reset is independent of the clock
and is accomplished by a high level on the respective input
All inputs are protected against damage due to static dis-
charge by diode clamps to VDD and VSS
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Low power
50 nW (typ)
Y
Medium speed operation
12 MHz (typ)
with 10V supply
Schematic and Connection Diagrams
TLF5958 – 1
Dual-In-Line Package
TLF5958 – 2
Top View
Order Number CD4027B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4027BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4027BCM FAIRCHILD-CD4027BCM Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
More results

Similar Description - CD4027BC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
Dual J-K Master-Slave Flip-Flop
1996 REV 5
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
Dual J-K Master-Slave Flip-Flop
REV 6
logo
STMicroelectronics
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
DUAL-J-K MASTER-SLAVE FLIP-FLOP
Jun-1989
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
DUAL J-K MASTER SLAVE FLIP FLOP
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP_07 Datasheet
329Kb / 9P
Dual J-K Master-Slave Flip Flop
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
DUAL J-K MASTER SLAVE FLIP-FLOP
Sep-2002
logo
Fairchild Semiconductor
CD4027BCN FAIRCHILD-CD4027BCN Datasheet
68Kb / 6P
Dual J-K Master/Slave Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com