Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4035BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4035BC
Description  4-Bit Parallel-In/Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4035BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4035BC Datasheet HTML 1Page - National Semiconductor (TI) CD4035BC Datasheet HTML 2Page - National Semiconductor (TI) CD4035BC Datasheet HTML 3Page - National Semiconductor (TI) CD4035BC Datasheet HTML 4Page - National Semiconductor (TI) CD4035BC Datasheet HTML 5Page - National Semiconductor (TI) CD4035BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k tr and tf e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCKED OPERATION
(Continued)
CIN
Input Capacitance
Any Input
5
75
pF
RESET OPERATION
tPHL tPLH
Propagation Delay Time
VDD e 5V
300
500
ns
VDD e 10V
150
200
ns
VDD e 15V
85
150
ns
tWH
Minimum Reset Pulse Width
VDD e 5V
75
250
ns
VDD e 10V
30
110
ns
VDD e 15V
25
80
ns
AC Parameters are guaranteed by DC correlated testing
Truth Table
CL
tn b 1 (Inputs)
tn (Outputs)
JK
RQnb1
Qn
L
0X
0
0
0
L
IX
0
0
I
L
X0
0
I
0
L
I0
0
Qnb1
Qnb1
TOGGLE
MODE
L
XI
0
I
I
K
XX
0
Qnb1
Qnb1
XX
X
I
X
0
Switching Time Waveforms
TLF5964 – 3
TC Input Low
Reset Input Low
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com