Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4035BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4035BC
Description  4-Bit Parallel-In/Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4035BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4035BC Datasheet HTML 1Page - National Semiconductor (TI) CD4035BC Datasheet HTML 2Page - National Semiconductor (TI) CD4035BC Datasheet HTML 3Page - National Semiconductor (TI) CD4035BC Datasheet HTML 4Page - National Semiconductor (TI) CD4035BC Datasheet HTML 5Page - National Semiconductor (TI) CD4035BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5964
February 1988
CD4035BMCD4035BC
4-Bit Parallel-InParallel-Out Shift Register
General Description
The CD4035B 4-bit parallel-inparallel-out shift register is a
monolithic complementary MOS (CMOS) integrated circuit
constructed with P- and N-channel enhancement mode
transistors This shift register is a 4-stage clocked serial reg-
ister having provisions for synchronous parallel inputs to
each stage and serial inputs to the first stage via JK logic
Register stages 2 3 and 4 are coupled in a serial ‘‘D’’ flip-
flop configuration when the register is in the serial mode
(parallelserial control low)
Parallel entry via the ‘‘D’’ line of each register stage is per-
mitted only when the parallelserial control is ‘‘high’’
In the parallel or serial mode information is transferred on
positive clock transitions
When the truecomplement control is ‘‘high’’ the true con-
tents of the register are available at the output terminals
When the truecomplement control is ‘‘low’’ the outputs are
the complements of the data in the register The truecom-
plement control functions asynchronously with respect to
the clock signal
JK input logic is provided on the first stage serial input to
minimize logic requirements particularly in counting and se-
quence-generation applications With JK inputs connected
together the first stage becomes a ‘‘D’’ flip-flop An asyn-
chronous common reset is also provided
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
4-stage clocked operation
Y
Synchronous parallel entry on all 4 stages
Y
JK inputs on first stage
Y
Asynchronous truecomplement control on all outputs
Y
Reset control
Y
Static flip-flop operation masterslave configuration
Y
Buffered outputs
Y
Low power dissipation
5 mW (typ) (ceramic)
Y
High speed
to 5 MHz
Applications
Y
Automotive
Y
Alarm systems
Y
Data terminals
Y
Industrial controls
Y
Instrumentation
Y
Remote metering
Y
Medical electronics
Y
Computers
Logic Diagram
TLF5964 – 1
PS e 0 e serial mode
TC e 1 e true outputs
TG e transmission gate
TLF5964 – 2
Input to output is
a) A bidirectional low impedance when control input 1 is low and control input 2 is high
b) An open circuit when control input 1 is high and control input 2 is low
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4035BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
CD4035B TI-CD4035B Datasheet
893Kb / 17P
Parallel In/Parallel Out Shift Refister
CD4035B TI2-CD4035B Datasheet
710Kb / 17P
CMOS 4-Stage Parallel In/Parallel Out Shift Register
Revised October 2003
CD4035B-MIL TI1-CD4035B-MIL Datasheet
906Kb / 16P
CMOS 4-stage Paraller in/Paraller Out shift Register
CD4035B-MIL TI2-CD4035B-MIL Datasheet
710Kb / 17P
CMOS 4-Stage Parallel In/Parallel Out Shift Register
Revised October 2003
More results

Similar Description - CD4035BC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
4-Bit Parallel-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC4015 PHILIPS-74HC4015 Datasheet
50Kb / 8P
Dual 4-bit serial-in/parallel-out shift register
December 1990
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Jul-1989
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
8-bit Parallel-out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
STMicroelectronics
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
Sep-2001
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com