Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS313 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS313
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS313 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS313 Datasheet HTML 1Page - Linear Integrated Systems LS313 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201121 03/17/2014 Rev#A10 ECN# LS310_11_12_13
FEATURES
VERY HIGH GAIN
hFE
≥200@10µA-1mA
TIGHT VBE MATCHING
|VBE1 -VBE1| = 0.2mV TYP.
HIGH fT
250MHz TYP. @ 1mA
ABSOLUTE MAXIMUM RATINGS NOTE 1
@ 25°C (unless otherwise noted)
IC
Collector
Current
10mA
Maximum Temperatures
Storage Temperature
-55° to +150°C
Operating Junction Temperature
-55° to +150°C
Maximum Power Dissipation
ONE SIDE
BOTH SIDES
Device Dissipation @ Free Air
250mW
500mW
Linear Derating Factor
2.3mW/°C
4.3mW/°C
SYMBOL
CHARACTERISTICS
LS310 LS311 LS312 LS313
UNITS
CONDITIONS
BVCBO
Collector to Base Voltage
25
45
60
45
MIN.
V
IC = 10µA, IE = 0
BVCEO
Collector to Emitter Voltage
25
45
60
45
MIN.
V
IC = 1mA, IB = 0
BVEBO
Emitter-Base Breakdown
Voltage
6.0
6.0
6.0
6.0
MIN.
V
IE = 10µA, IC = 0
NOTE 2
BVCCO
Collector to Collector Voltage
45
45
60
45
MIN.
V
IC = 10µA, IE = IB = 0A
hFE
DC Current Gain
150
150
200
400
1000
MIN.
MAX.
IC = 10µA, VCE = 5V
hFE
DC Current Gain
150
150
200
400
MIN.
IC = 100µA, VCE = 5V
hFE
DC Current Gain
150
150
200
400
MIN.
IC = 1mA, VCE = 5V
VCE(SAT)
Collector Saturation Voltage
0.25
0.25
0.25
0.25
MAX.
V
IC = 1mA, IB = 0.1mA
ICBO
Collector Cutoff Current
0.2
0.2
0.2
0.2
MAX.
nA
IE = 0, VCB = NOTE 3
IEBO
Emitter Cutoff Current
0.2
0.2
0.2
0.2
MAX.
nA
IC = 0, VCB = 3V
COBO
Out put Capacitance
2
2
2
2
MAX.
pF
IE = 0, VCB = 5V
CC1C2
Collector to Collector
Capacitance
2
2
2
2
MAX.
pF
VCC = 0V
IC1C2
Collector to Collector Leakage
Current
1.0
1.0
1.0
1.0
MAX.
µA
VCC = NOTE 4
fT
Current Gain Bandwidth
Product
200
200
200
200
MIN.
MHz
IC = 1mA , VCE = 5V
NF
Narrow Band Noise Figure
3
3
3
3
MAX.
dB
IC = 100µA , VCE = 5V
BW = 200Hz, RG = 1
0KΩ
F=1KHz
LS310 LS311 LS312 LS313
MONOLITHIC DUAL
NPN
TRANSISTORS
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
Top View
SOT-23 6 LEADS
Top View
TO-71 & TO-78


Similar Part No. - LS313

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS313 LINEAR-LS313 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS313 NJSEMI-LS313 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Micross Components
LS313 MICROSS-LS313 Datasheet
275Kb / 1P
Linear Systems High Voltage Super-Beta Monolithic Dual NPN
LS313_P-DIP MICROSS-LS313_P-DIP Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
LS313_SOIC MICROSS-LS313_SOIC Datasheet
275Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS313

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3250 LINEAR-3250 Datasheet
298Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS301-3 LINEAR-LS301-3 Datasheet
29Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS310-3 LINEAR-LS310-3 Datasheet
29Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318 Datasheet
29Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LSIT120-2 LINEAR-LSIT120-2 Datasheet
28Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
LSIT124 LINEAR-LSIT124 Datasheet
28Kb / 2P
SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
LS310 NJSEMI-LS310 Datasheet
97Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
logo
Linear Integrated Syste...
LS301 LINEAR-LS301_14 Datasheet
178Kb / 2P
HIGH VOLTAGE SUPER-BETA MONOLITHIC DUAL NPN TRANSISTORS
LS318 LINEAR-LS318_14 Datasheet
286Kb / 2P
LOG CONFORMANCE MONOLITHIC DUAL NPN TRANSISTORS
LS3250 LINEAR-LS3250_14 Datasheet
291Kb / 2P
MONOLITHIC DUAL NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com