Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS313 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS313
Description  MONOLITHIC DUAL NPN TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS313 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS313 Datasheet HTML 1Page - Linear Integrated Systems LS313 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201121 03/17/2014 Rev#A10 ECN# LS310_11_12_13
SYMBOL
CHARACTERISTICS
LS310 LS311 LS312 LS313 MIN. UNITS
CONDITIONS
|VBE1-VBE2|
Base Emitter Voltage Differential
1
3
0.4
1
0.2
0.5
0.4
1
TYP.
MAX.
mV
mV
IC = 10µA, VCE = 5V
∆|(VBE1-VBE2)|/°C
Base Emitter Voltage Differential
Change with Temperature
2
15
1
5
0.5
2
1
5
TYP.
MAX.
µV/°C
IC = 10µA, VCE = 5V
TA = -55°C to +125°C
|IB1-IB2|
Base Current Differential
10
5
1.25
5
TYP.
MAX.
nA
nA
IC = 10µA, VCE = 5V
|
∆ (IB1-IB2)|/°C
Base Current Differential
Change with Temperature
0.5
0.3
0.5
MAX. nA/°C
IC = 10µA, VCE = 5V
TA = -55°C to +125°C
hFE1/hFE2
Current Gain Differential
10
5
5
5
TYP.
%
IC = 10µA, VCE = 5V
NOTES:
1.
These ratings are limiting values above which the serviceability of any semiconductor may be impaired.
2.
The reverse base-to-emitter voltage must never exceed 6.2 volts; the reverse base-to-emitter current must never exceed 10µA.
3.
For LS310:
VCB = 20V; for LS311, LS312 & LS313: VCB = 30V
4.
For LS310, LS311 & LS313:
VCC ±45V; for LS312: VCC ±60V.
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing
high-quality discrete components. Expertise brought to LIS is based on processes and products developed
at Amelco, Union Carbide, Intersil and Micro Power Systems by company President John H. Hall. Hall,
a protégé of Silicon Valley legend Dr. Jean Hoerni, was the director of IC Development at Union Carbide,
co-founder and vice president of R&D at Intersil, and founder/president of Micro Power Systems.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com