Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5912 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LS5912
Description  IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5912 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LS5912 Datasheet HTML 1Page - Linear Integrated Systems LS5912 Datasheet HTML 2Page - Linear Integrated Systems LS5912 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201132 11/18/15 Rev#A8 ECN# LS5911 LS5912 LS5912C
DYNAMIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYM.
CHARACTERISTIC
TYP
LS5911
LS5912
LS5912C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
gfs
Forward
Transconductance
f = 1kHz
4000 10000 4000 10000 4000 10000
µS
VDG = 10V, ID = 5mA
f = 100MHz
7000
gos
Output Conductance
f = 1kHz
100
100
100
f = 100MHz
120
Ciss
Input Capacitance
5
5
5
pF
VDG = 10V, ID = 5mA
f = 1MHz
Crss
Reverse Transfer Capacitance
1.2
1.2
1.2
NF
Noise Figure
1
1
1
dB
VDG = 10V, ID = 5mA
f = 10kHz, RG
= 100KΩ
en
Equivalent Input
Noise Voltage
f = 100Hz
7
20
20
20
nV/√Hz
VDG = 10V, ID = 5mA
f = 100Hz
f = 10kHz
4
10
10
10
nV/√Hz
VDG = 10V, ID = 5mA
f = 10kHz
1
PDIP
DIMENSIONS IN
INCHES
2
3
4
5
6
7
8
0.145
0.170
0.060
0.100
0.250
0.375
0.038
0.295
0.320
1
SOIC
2
3
4
5
6
7
8
DIMENSIONS IN
INCHES
0.2284
0.2440
0.189
0.196
0.0075
0.0098
0.021
0.014
0.018
0.050
0.0040
0.0098
0.150
0.157
Please contact the factory
regarding the availability of
optional packages.
1
2
3
4
8
7
6
5
PDIP-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
SOIC-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
PDIP-B
S1
D1
G1
NC
NC
G2
D2
S2
1
2
3
4
8
7
6
5
SOIC-B
S1
D1
G1
NC
NC
G2
D2
S2
1
3
5
SOT-23
DIMENSIONS IN
MILLIMETERS
2
4
6
0.95
1.90
1.50
1.75
2.60
3.00
0.35
0.50
2.80
3.00
0.90
1.30
0.00
0.15
0.09
0.20
0.10
0.60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com