Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5912 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LS5912
Description  IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LS5912 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LS5912 Datasheet HTML 1Page - Linear Integrated Systems LS5912 Datasheet HTML 2Page - Linear Integrated Systems LS5912 Datasheet HTML 3Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201132 11/18/15 Rev#A8 ECN# LS5911 LS5912 LS5912C
FEATURES
Improved Replacement for SILICONIX, FAIRCHILD, &
NATIONAL: 2N5911 & 2N5912
LOW NOISE (10kHz)
en
~ 4nV/√Hz
HIGH TRANSCONDUCTANCE (100MHz)
gfs
≥ 4000µS
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150 °C
Operating Junction Temperature
-55 to +150 °C
Maximum Power Dissipation
Continuous Power Dissipation (Total)4
500mW
Maximum Currents
Gate Current
50mA
Maximum Voltages
Gate to Drain
-25V
Gate to Source
-25V
STATIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYM.
CHARACTERISTIC
TYP
LS5911
LS5912
LS5912C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
BVGSS
Gate to Source Breakdown
Voltage
-25
-25
-25
V
IG = -1µA, VDS = 0V
VGS(off)
Gate to Source Cutoff Voltage
-1
-5
-1
-5
-1
-5
VDS = 10V, ID = 1nA
VGS(F)
Gate to Source Forward Voltage
0.7
IG = 1mA, VDS = 0V
VGS
Gate to Source Voltage
-0.3
-4
-0.3
-4
-0.3
-4
VDG = 10V, IG = 5mA
IDSS
Drain to Source Saturation
Current2
7
40
7
40
7
40
mA
VDS = 10V, VGS = 0V
IGSS
Gate Leakage Current
-1
-50
-50
-50
pA
VGS = -15V, VDS = 0V
IG
Gate Operating Current
-1
-50
-50
-50
VDG = 10V, ID = 5mA
IG1G2
Gate to Gate Isolation Current
±1
±1
±1
uA
VG1-VG2=±25VID = IS = 0
MATCHING ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYMBOL
CHARACTERISTIC
TYP
LS5911
LS5912
LS5912C
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
GS2
GS1
V
V
Differential Gate to Source
Cutoff Voltage
10
15
40
mV
VDG = 10V, ID = 5mA
ΔT
V
V
Δ
GS2
GS1
Differential Gate to Source
Voltage Change with
Temperature
20
40
40
µV/°C
VDG = 10V, ID = 5mA
TA = -55 to +125°C
DSS2
DSS1
I
I
Saturation Drain Current
Ratio
0.95
1
0.95
1
0.95
1
VDS = 10V, VGS = 0V
Notes 2, 3
G2
G1
I
I
Differential Gate Current
20
20
20
nA
VDG = 10V, ID = 5mA
TA = +125°C
fs 2
fs 1
g
g
Forward Transconductance
Ratio
0.95
1
0.95
1
0.95
1
VDS = 10V, ID = 5mA
f = 1kHz3
CMRR
Common Mode Rejection
Ratio
85
dB
VDG = 5V to 10V
ID = 5mA
LS5911 LS5912 LS5912C
IMPROVED LOW NOISE WIDEBAND
MONOLITHIC DUAL N-CHANNEL
JFET AMPLIFIER
1
3
2
SOT-23
TOP VIEW
6
4
5
S2
D2
G2
G1
D1
S1
1
2
3
4
8
7
6
5
PDIP-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
SOIC-A
S1
D1
SS
G1
G2
SS
D2
S2
1
2
3
4
8
7
6
5
PDIP-B
S1
D1
G1
NC
NC
G2
D2
S2
1
2
3
4
8
7
6
5
SOIC-B
S1
D1
G1
NC
NC
G2
D2
S2
TOP VIEW
SOT-23
TOP VIEW


Similar Part No. - LS5912

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS5912 LINEAR-LS5912 Datasheet
337Kb / 2P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS5912 MICROSS-LS5912 Datasheet
286Kb / 1P
N-CHANNEL JFET
LS5912 MICROSS-LS5912 Datasheet
284Kb / 1P
N-CHANNEL JFET
LS5912 MICROSS-LS5912 Datasheet
275Kb / 1P
N-CHANNEL JFET
LS5912 MICROSS-LS5912 Datasheet
281Kb / 1P
N-CHANNEL JFET
More results

Similar Description - LS5912

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS5911-2 LINEAR-LS5911-2 Datasheet
337Kb / 2P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
logo
New Jersey Semi-Conduct...
2N6483 NJSEMI-2N6483 Datasheet
202Kb / 1P
DUAL N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
Linear Integrated Syste...
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489 LINEAR-LSK489 Datasheet
648Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com