Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSK489 Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LSK489
Description  LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LSK489 Datasheet(HTML) 1 Page - Linear Integrated Systems

  LSK489 Datasheet HTML 1Page - Linear Integrated Systems LSK489 Datasheet HTML 2Page - Linear Integrated Systems LSK489 Datasheet HTML 3Page - Linear Integrated Systems LSK489 Datasheet HTML 4Page - Linear Integrated Systems LSK489 Datasheet HTML 5Page - Linear Integrated Systems LSK489 Datasheet HTML 6Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201151 05/14/2014 Rev#A30 ECN# LSK489
FEATURES
ULTRA LOW NOISE
en = 1.8nV/
√Hz
LOW INPUT CAPACITANCE
Ciss = 4pF
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-55 to +150°C
Junction Operating Temperature
-55 to +150°C
Maximum Power Dissipation, TA = 25°C
Continuous Power Dissipation, per side 4
300mW
Power Dissipation, total 5
500mW
Maximum Currents
Gate Forward Current
IG(F) = 10mA
Maximum Voltages
Gate to Source
VGSO = 60V
Gate to Drain
VGDO = 60V
Features
Reduced Noise due
to process improvement
Monolithic Design
High slew rate
Low offset/drift voltage
Low gate leakage lgss & lg
High CMRR 102 dB
Benefits
Tight differential voltage match vs.
current
Improved op amp speed settling time
accuracy
Minimum Input Error trimming error
voltage
Lower intermodulation distortion
Applications
Wide band differential Amps
High speed temperature
compensated single ended input
amplifier amps
High speed comparators
Impedance Converters
Description
The LSK 489 series of high performance monolithic dual JFETs features extremely low noise, tight offset voltage and low drift
over temperature specifications, and is targeted for use in a wide range or precision instrumentation applications. This series has
a wide selection of offset and drift specifications. The SST series SO-8 package provided ease of manufacturing and the
symmetrical pinout prevents improper orientation. The SO-8 package is available with tape and reel options for compatibility with
automatic assembly methods. (See packaging data)
LSK489
LOW NOISE LOW CAPACITANCE
MONOLITHIC DUAL
N-CHANNEL JFET AMPLIFIER
TO-71
TOP VIEW
SOIC-A
SOT-23
TOP VIEW
* For equivalent single version, see LSK189
•


Similar Part No. - LSK489

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSK489 MICROSS-LSK489 Datasheet
531Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Linear Integrated Syste...
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
LSK489B LINEAR-LSK489B Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results

Similar Description - LSK489

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LS840-2 LINEAR-LS840-2 Datasheet
32Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
SST404_PDIP MICROSS-SST404_PDIP Datasheet
282Kb / 1P
Low Noise, Low Drift, Monolithic Dual N-Channel JFET
logo
Linear Integrated Syste...
LS840 LINEAR-LS840_14 Datasheet
251Kb / 2P
LOW NOISE LOW DRIFT LOW CAPACITANCE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS843 LINEAR-LS843_14 Datasheet
327Kb / 2P
ULTRA LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS3954A LINEAR-LS3954A_14 Datasheet
289Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LS5911 LINEAR-LS5911_15 Datasheet
328Kb / 3P
IMPROVED LOW NOISE WIDEBAND MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSK389 LINEAR-LSK389_14 Datasheet
238Kb / 2P
ULTRA LOW NOISE MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
U401 LINEAR-U401_15 Datasheet
314Kb / 2P
LOW NOISE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
LSJ689 LINEAR-LSJ689 Datasheet
797Kb / 6P
LOW NOISE LOW CAPACITANCE MONOLITHIC DUAL P-CHANNEL JFET AMPLIFIER
LSK489A LINEAR-LSK489A Datasheet
523Kb / 7P
Low Noise, Monolithic Dual N-Channel JFET Amplifier
04/12/2022 Rev. A40
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com