Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069408 Datasheet(PDF) 2 Page - SICK AG

Part # 1069408
Description  3D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069408 Datasheet(HTML) 2 Page - SICK AG

  1069408 Datasheet HTML 1Page - SICK AG 1069408 Datasheet HTML 2Page - SICK AG 1069408 Datasheet HTML 3Page - SICK AG 1069408 Datasheet HTML 4Page - SICK AG 1069408 Datasheet HTML 5Page - SICK AG 1069408 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LD-MRS800001S01 | LD-MRS
3D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
LD-MRS800001S01
1069408
Other models and accessories
www.sick.com/LD-MRS
Detailed technical data
Features
Version
Long Range
Field of application
Outdoor
Laser class
1
Aperture angle
85°, operating angle with 8 measurement layers, 25° work area expansion with 4 measure-
ment layers (total 110°)
Scanning frequency
12.5 Hz ... 50 Hz, object tracking at 12.5 Hz
Angular resolution
0.125°
0.25°
0.5°
Operating range
0.5 m ... 300 m
Max. range with 10 % reflectivity
50 m
Amount of evaluated echoes
3
Performance
Detectable object shape
Almost any
Systematic error
± 300 mm 1)
Statistical error
100 mm 1)
Integrated application
Object tracking
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
✔
Function Auxiliary interface
Data transmission rate 57,600 Baud
Ethernet
✔
Function Raw data interface/parameterization
Data transmission rate 100 Mbit/s
Protocol TCP/IP
CAN bus
✔
Function Output: Objects, Input: Vehicle ego motion data
Mechanics/electronics
Electrical connection
Circular plug-in connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com