Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069408 Datasheet(PDF) 3 Page - SICK AG

Part # 1069408
Description  3D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1069408 Datasheet(HTML) 3 Page - SICK AG

  1069408 Datasheet HTML 1Page - SICK AG 1069408 Datasheet HTML 2Page - SICK AG 1069408 Datasheet HTML 3Page - SICK AG 1069408 Datasheet HTML 4Page - SICK AG 1069408 Datasheet HTML 5Page - SICK AG 1069408 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LD-MRS800001S01 | LD-MRS
3D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Operating voltage
9 V ... 27 V
Power consumption
8 W
Housing
Al
Housing color
Gray (RAL 7032), black (RAL 9005)
Enclosure rating
IP 69K
Protection class
III
Weight
1 kg
Dimensions (L x W x H)
94 mm x 165 mm x 88 mm
Ambient data
Ambient operating temperature
–40 °C ... +70 °C
General notes
Note on use
Not suitable for personnel protection
Dimensional drawing (Dimensions in mm (inch))
14
(0.55)
136.5 (5.37)
164.5 (6.48)
4 x Ø 6.6
(0.26)
152.5 (6.00)
1
(0.04)
7
(0.28)
45 (1.77)
53 (2.09)
1
2
3
4
5
①  Venting element
②  “Ethernet” connection, 4-pin female connector
③  Connection data interface / synchronisation, 12-pin female connector
④  Connection “Power”, 4-pin female connector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com