Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4060BM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4060BM
Description  14-Stage Ripple Carry Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4060BM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4060BM Datasheet HTML 1Page - National Semiconductor (TI) CD4060BM Datasheet HTML 2Page - National Semiconductor (TI) CD4060BM Datasheet HTML 3Page - National Semiconductor (TI) CD4060BM Datasheet HTML 4Page - National Semiconductor (TI) CD4060BM Datasheet HTML 5Page - National Semiconductor (TI) CD4060BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics 40XXBC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VOH
High Level Output Voltage VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
2
15
15
V
VDD e 10V VO e 10V or 90V
30
4
30
30
V
VDD e 15V VO e 15V or 135V
40
6
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
3
35
V
VDD e 10V VO e 10V or 90V
70
70
6
70
V
VDD e 15V VO e 15V or 135V 110
110
9
110
V
IOL
Low Level Output Current VDD e 5V VO e 04V
052
044
088
036
mA
(See Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output Current VDD e 5V VO e 46V
b
052
b
044 b088
b
036
mA
(See Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
030
b
10b5 b030
b
10
m
A
VDD e 15V VIN e 15V
030
10b5
030
10
m
A
AC Electrical Characteristics CD4020BMCD4020BC CD4040BMCD4040BC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL1 tPLH1
Propagation Delay Time to Q1
VDD e 5V
250
550
ns
VDD e 10V
100
210
ns
VDD e 15V
75
150
ns
tPHL tPLH
Interstage Propagation Delay Time
VDD e 5V
150
330
ns
from Qn to Qna1
VDD e 10V
60
125
ns
VDD e 15V
45
90
ns
tTHL tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWH
Minimum Clock Pulse Width
VDD e 5V
125
335
ns
VDD e 10V
50
125
ns
VDD e 15V
40
100
ns
trCL tfCL
Maximum Clock Rise and Fall Time
VDD e 5V
No Limit
ns
VDD e 10V
No Limit
ns
VDD e 15V
No Limit
ns
fCL
Maximum Clock Frequency
VDD e 5V
15
4
MHz
VDD e 10V
4
10
MHz
VDD e 15V
5
12
MHz
tPHL(R)
Reset Propagation Delay
VDD e 5V
200
450
ns
VDD e 10V
100
210
ns
VDD e 15V
80
170
ns
tWH(R)
Minimum Reset Pulse Width
VDD e 5V
200
450
ns
VDD e 10V
100
210
ns
VDD e 15V
80
170
ns
Cin
Average Input Capacitance
Any Input
5
75
pF
Cpd
Power Dissipation Capacitance
50
pF
AC Parameters are guaranteed by DC correlated testing
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com