Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4060BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4060BM
Description  14-Stage Ripple Carry Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4060BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4060BM Datasheet HTML 1Page - National Semiconductor (TI) CD4060BM Datasheet HTML 2Page - National Semiconductor (TI) CD4060BM Datasheet HTML 3Page - National Semiconductor (TI) CD4060BM Datasheet HTML 4Page - National Semiconductor (TI) CD4060BM Datasheet HTML 5Page - National Semiconductor (TI) CD4060BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5953
February 1988
CD4020BMCD4020BC
14-Stage Ripple Carry Binary Counters
CD4040BMCD4040BC
12-Stage Ripple Carry Binary Counters
CD4060BMCD4060BC
14-Stage Ripple Carry Binary Counters
General Description
The CD4020BMCD4020BC CD4060BMCD4060BC are
14-stage ripple carry binary counters and the CD4040BM
CD4040BC is a 12-stage ripple carry binary counter The
counters are advanced one count on the negative transition
of each clock pulse The counters are reset to the zero state
by a logical ‘‘1’’ at the reset input independent of clock
Features
Y
Wide supply voltage range
10V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Medium speed operation
8 MHz typ at VDD e 10V
Y
Schmitt trigger clock input
Connection Diagrams
Dual-In-Line Package
CD4020BMCD4020BC
TLF5953 – 1
Top View
Order Number CD4020B CD4040B or CD4060B
Dual-In-Line Package
CD4040BMCD4040BC
TLF5953 – 2
Top View
Dual-In-Line Package
CD4060BMCD4060BC
TLF5953 – 3
Top View
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4060BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4060BM NSC-CD4060BM Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Texas Instruments
CD4060BM TI-CD4060BM Datasheet
1Mb / 27P
CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
CD4060BM TI1-CD4060BM Datasheet
1Mb / 27P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
CD4060BM96 TI-CD4060BM96 Datasheet
1Mb / 27P
CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
CD4060BM96 TI1-CD4060BM96 Datasheet
1Mb / 27P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
More results

Similar Description - CD4060BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4020BM NSC-CD4020BM Datasheet
136Kb / 6P
14-Stage, 12-Stage Ripple Carry Binary Counters
logo
Toshiba Semiconductor
TC4020BP TOSHIBA-TC4020BP Datasheet
265Kb / 7P
14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
logo
Fairchild Semiconductor
CD4020BC FAIRCHILD-CD4020BC Datasheet
84Kb / 8P
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
14 Stage Ripple-Carry Binary Counter/Divider
logo
Toshiba Semiconductor
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
14-Stage Ripple Carry Binary Counter
TC4020BP TOSHIBA-TC4020BP_07 Datasheet
372Kb / 9P
14 Stage Ripple-Carry Binary Counter/Dividers
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
14-stage ripple carry binary counter/divider and oscillator
02-May-2013
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B_15 Datasheet
241Kb / 9P
CMOS 14-Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com