Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQS227AS Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS227AS
Description  Single Channel Capacitive Proximity/Touch Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS227AS Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS227AS Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS227AS Datasheet
Page 21 of 31
All rights reserved
Revision 1.05
October 2015
9.3
Output Characteristics
1
Table 9.3
TOUT Characteristics
Symbol
Description
VOH
Conditions
MIN
TYP
MAX
UNIT
ISOURCE
Output
High
voltage
0.9*VDDHI
VDDHI = 3.6V
~
~
TBD
mA
0.9*VDDHI
VDDHI = 3.3V
~
10
~
0.9*VDDHI
VDDHI = 1.8V
TBD
~
~
Symbol
Description
VOL
Conditions
MIN
TYP
MAX
UNIT
ISINK
Output
Low
voltage
0.1V
VDDHI = 3.6V
TBD
mA
0.1V
VDDHI = 3.3V
10
0.1V
VDDHI = 1.8V
TBD
Table 9.4
POUT Characteristics
Symbol
Description
VOH
Conditions
MIN
TYP
MAX
UNIT
ISOURCE
Output
High
voltage
0.9*VDDHI
VDDHI = 3.6V
~
~
TBD
mA
0.9*VDDHI
VDDHI = 3.3V
~
10
~
0.9*VDDHI
VDDHI = 1.8V
TBD
~
~
Symbol
Description
VOL
Conditions
MIN
TYP
MAX
UNIT
ISINK
Output
Low
voltage
0.1V
VDDHI = 3.6V
TBD
mA
0.1V
VDDHI = 3.3V
10
0.1V
VDDHI = 1.8V
TBD
Table 9.5
Combined Characteristics
Symbol
Description
VOH
Conditions
MIN
TYP
MAX
UNIT
ISOURCE
Output
High
voltage
0.9*VDDHI
VDDHI = 3.6V
~
~
TBD
mA
0.9*VDDHI
VDDHI = 3.3V
~
17
~
0.9*VDDHI
VDDHI = 1.8V
TBD
~
~
Symbol
Description
VOL
Conditions
MIN
TYP
MAX
UNIT
ISINK
Output
Low
voltage
0.1V
VDDHI = 3.6V
TBD
mA
0.1V
VDDHI = 3.3V
20
0.1V
VDDHI = 1.8V
TBD
1I/O sink capabilities only in Active Low configuration. I/O source capabilities only in Active High
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com