Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQS227AS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IQS227AS
Description  Single Channel Capacitive Proximity/Touch Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS227AS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IQS227AS Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS227AS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015
IQS227AS Datasheet
Page 9 of 31
All rights reserved
Revision 1.05
October 2015
Table 4.3
User Selectable Configuration Options: Bank 1
– Partial ATI1
tHALT1
tHALT0
MULTSENSE1
MULTSENSE0
MULTCOMP3
MULTCOMP2
MULTCOMP1
MULTCOMP0
bit 7
bit 0
Bank1:7-6
tHALT: Halt times
Section 6.13
00 = 20 seconds
01 = 40 seconds
10 = Never
11 = Always (Prox on 40s)
Bank1: bit 5-4
MULT: Multiplier for Sensitivity
Section 6.8
00 = 1
01 = 2
10 = 3
11 = 4
Bank1: bit 3-0
MULT: Multiplier for Compensation
Section 6.8
0000 = 0
1111 = 15
Table 4.4
User Selectable Configuration Options: Bank 2 (0xC6H)
STREAM
TRANS
COMMS
ND
Target
ATI
LP1
LP0
bit 7
bit 0
Bank2: bit 7
STREAM: Streaming Method
Section 7.2
0 = 1-wire
1 = 2-wire (I
2C)
Bank2: bit 6
TRANS: Charge Transfer Frequency
Section 6.9
0 = 512kHz
1 = 250kHz
Bank2: bit 5
COMMS: Streaming
Section 7
0 = Disabled
1 = Enabled
Bank2: bit 4
ND: Noise Detect
Section 6.11
0 = Disabled
1 = Enabled (1-wire comms only)
Bank2: bit 3
Target: ATI target counts
Section 6.10
0 = 1024
1 = 512
Bank2: bit 2
ATI: ATI selection
Section 6.12
0 = Full
1 = Partial
Bank2: bit 1-0
LP: Low Power Modes
Section 6.6
00 = BP (9ms)
01 = NP (128ms)
10 = LP1 (256ms)
11 = LP2 (512ms)
1 Requires OTP bit 2 in Bank 2 to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com