Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4511BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4511BC
Description  BCD-to-7 Segment Latch/Decoder/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4511BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4511BC Datasheet HTML 1Page - National Semiconductor (TI) CD4511BC Datasheet HTML 2Page - National Semiconductor (TI) CD4511BC Datasheet HTML 3Page - National Semiconductor (TI) CD4511BC Datasheet HTML 4Page - National Semiconductor (TI) CD4511BC Datasheet HTML 5Page - National Semiconductor (TI) CD4511BC Datasheet HTML 6Page - National Semiconductor (TI) CD4511BC Datasheet HTML 7Page - National Semiconductor (TI) CD4511BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDD
Operating Temperature Range (TA)
CD4510BM CD4516BM
b
55 Cto a125 C
CD4510BC CD4516BC
b
40 Cto a85 C
DC Electrical Characteristics CD4511BM
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent
VDD e 5V VIN e VDD or VSS
5
5
150
m
A
Supply Current
VDD e 10V VIN e VDD or VSS
10
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
20
600
m
A
VOL
Output Voltage
VDD e 5V
001
0
001
005
V
Logical ‘‘0’’
VDD e 10V
001
0
001
005
V
Level
VDD e 15V
001
0
001
005
V
VOH
Output Voltage
VDD e 5V
41
41
457
41
V
Logical ‘‘1’’
VDD e 10V
91
91
958
91
V
Level
VDD e 15V
141
141
1459
141
V
VIL
Low Level
VDD e 5V VOUT e 38V or 05V
15
2
15
15
V
Input Voltage
VDD e 10V VOUT e 88V or 10V
30
4
30
30
V
VDD e 15V VOUT e 138V or 15V
40
6
40
40
V
VIH
High Level
VDD e 5V VOUT e 05V or 38V
35
35
3
35
V
Input Voltage
VDD e 10V VOUT e 10V or 88V
70
70
6
70
V
VDD e 15V VOUT e 15V or 138V
110
110
9
110
V
VOH
Output
VDD e 5V IOH e 0 mA
41
41
457
41
V
(Source) Drive
VDD e 5V IOH e 5 mA
424
V
Voltage
VDD e 5V IOH e 10 mA
39
39
412
35
V
VDD e 5V IOH e 15 mA
394
V
VDD e 5V IOH e 20 mA
34
34
375
30
V
VDD e 5V IOH e 25 mA
354
V
VDD e 10V IOH e 0 mA
91
91
958
91
V
VDD e 10V IOH e 5 mA
926
V
VDD e 10V IOH e 10 mA
90
90
917
86
V
VDD e 10V IOH e 15 mA
904
V
VDD e 10V IOH e 20 mA
86
86
89
82
V
VDD e 10V IOH e 25 mA
875
V
VDD e 15V IOH e 0 mA
141
141
958
141
V
VDD e 15V IOH e 5 mA
1427
V
VDD e 15V IOH e 10 mA
140
140
1417
136
V
VDD e 15V IOH e 15 mA
1407
V
VDD e 15V IOH e 20 mA
136
136
1395
132
V
VDD e 15V IOH e 25 mA
138
V
IOL
Low Level
VDD e 5V VOL e 04V
064
051
088
036
mA
Output Current
VDD e 10V VOL e 05V
16
13
225
09
mA
VDD e 15V VOL e 15V
42
34
88
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
010
b
10b5
b
010
b
10
m
A
VDD e 15V VIN e 15V
010
10b5
010
10
m
A
Note 1
Devices should not be connected with power on
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com