Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4511BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4511BC
Description  BCD-to-7 Segment Latch/Decoder/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4511BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4511BC Datasheet HTML 1Page - National Semiconductor (TI) CD4511BC Datasheet HTML 2Page - National Semiconductor (TI) CD4511BC Datasheet HTML 3Page - National Semiconductor (TI) CD4511BC Datasheet HTML 4Page - National Semiconductor (TI) CD4511BC Datasheet HTML 5Page - National Semiconductor (TI) CD4511BC Datasheet HTML 6Page - National Semiconductor (TI) CD4511BC Datasheet HTML 7Page - National Semiconductor (TI) CD4511BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5991
February 1988
CD4511BMCD4511BC BCD-to-7 Segment
LatchDecoderDriver
General Description
The CD4511BMCD4511BC BCD-to-seven segment latch
decoderdriver is constructed with complementary MOS
(CMOS) enhancement mode devices and NPN bipolar out-
put drivers in a single monolithic structure The circuit pro-
vides the functions of a 4-bit storage latch an 8421 BCD-to-
seven segment decoder and an output drive capability
Lamp test (LT) blanking (BI) and latch enable (LE) inputs
are used to test the display to turn-off or pulse modulate
the brightness of the display and to store a BCD code
respectively It can be used with seven-segment light emit-
ting diodes (LED) incandescent fluorescent gas discharge
or liquid crystal readouts either directly or indirectly
Applications include instrument (eg
counter DVM etc)
display driver computercalculator display driver cockpit
display driver and various clock watch and timer uses
Features
Y
Low logic circuit power dissipation
Y
High current sourcing outputs (up to 25 mA)
Y
Latch storage of code
Y
Blanking input
Y
Lamp test provision
Y
Readout blanking on all illegal input combinations
Y
Lamp intensity modulation capability
Y
Time share (multiplexing) facility
Y
Equivalent to Motorola MC14511
Connection Diagram
Dual-In-Line Package
TLF5991 – 1
Top View
Order Number CD4511B
Segment Identification
TLF5991 – 3
Truth Table
Inputs
Outputs
LE BI LT D C B A a b c d e
f
g Display
X
X
0
X X X X 111 1 1 11
B
X
0
1
X X X X 000 0 0 00
0
1
1
0
0
0
0 111 1 1 10
0
0
1
1
0
0
0
1 011 0 0 00
1
0
1
1
0
0
1
0 110 1 1 01
2
0
1
1
0
0
1
1 111 1 0 01
3
0
1
1
0
1
0
0 011 0 0 11
4
0
1
1
0
1
0
1 101 1 0 11
5
0
1
1
0
1
1
0 001 1 1 11
6
0
1
1
0
1
1
1 111 0 0 00
7
0
1
1
1
0
0
0 111 1 1 11
8
0
1
1
1
0
0
1 111 0 0 11
9
0
1
1
1
0
1
0 000 0 0 00
0
1
1
1
0
1
1 000 0 0 00
0
1
1
1
1
0
0 000 0 0 00
0
1
1
1
1
0
1 000 0 0 00
0
1
1
1
1
1
0 000 0 0 00
0
1
1
1
1
1
1 000 0 0 00
11
1
X X X X
X e Don’t Care
Depends upon the BCD code applied during the 0 to 1 transition of LE
Display
TLF5991 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4511BC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
CD4511BCN FAIRCHILD-CD4511BCN Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
CD4511BCWM FAIRCHILD-CD4511BCWM Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
More results

Similar Description - CD4511BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com