Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1265MF Datasheet(PDF) 13 Page - Sanken electric

Part # SCM1265MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1265MF Datasheet(HTML) 13 Page - Sanken electric

Back Button SCM1265MF Datasheet HTML 9Page - Sanken electric SCM1265MF Datasheet HTML 10Page - Sanken electric SCM1265MF Datasheet HTML 11Page - Sanken electric SCM1265MF Datasheet HTML 12Page - Sanken electric SCM1265MF Datasheet HTML 13Page - Sanken electric SCM1265MF Datasheet HTML 14Page - Sanken electric SCM1265MF Datasheet HTML 15Page - Sanken electric SCM1265MF Datasheet HTML 16Page - Sanken electric SCM1265MF Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
13
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
4.
Mechanical Characteristics
Characteristics
Conditions
Min.
Typ.
Max.
Unit
Remarks
Heatsink Mounting
Screw Torque
See footnote below.*
0.588
-
0.784
N∙m
Flatness of Heatsink
Attachment Area
See Figure 4-1.
0
-
200
μm
Package Weight
-
11.8
-
g
* When mounting a heatsink, it is recommended to use a metric screw of M3 and a plain washer of 7 mm (φ) together at
each end of it. See Section 13.2 for more details about screw tightening.
Heatsink
+
-
+
-
Heatsink
Measurement position
Figure 4-1.
Flatness measurement position
5.
Insulation Distance
Characteristics
Conditions
Min.
Typ.
Max.
Unit
Remarks
Clearance
Between
heatsink*
and
leads. See Figure 5-1.
2.0
-
2.5
mm
Creepage
3.86
-
4.26
mm
* Refers to when a heatsink to be mounted is flat. If your application requires a clearance exceeding the maximum
distance given above, use an alternative (e.g., a convex heatsink) that will meet the target requirement.
Clearance
Creepage
Heatsink
Figure 5-1.
Insulation distance definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com