Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM1265MF Datasheet(PDF) 39 Page - Sanken electric

Part # SCM1265MF
Description  500V / 600V High Voltage Three-phase Motor Driver ICs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1265MF Datasheet(HTML) 39 Page - Sanken electric

Back Button SCM1265MF Datasheet HTML 35Page - Sanken electric SCM1265MF Datasheet HTML 36Page - Sanken electric SCM1265MF Datasheet HTML 37Page - Sanken electric SCM1265MF Datasheet HTML 38Page - Sanken electric SCM1265MF Datasheet HTML 39Page - Sanken electric SCM1265MF Datasheet HTML 40Page - Sanken electric SCM1265MF Datasheet HTML 41Page - Sanken electric SCM1265MF Datasheet HTML 42Page - Sanken electric SCM1265MF Datasheet HTML 43Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
SCM1200MF Series
SCM1200MF-DSJ Rev.1.1
SANKEN ELECTRIC CO.,LTD.
39
Feb. 19, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO.,LTD. 2015
Figure 15-13.
Minimum transmittable pulse width for
high-side switching, tHIN(MIN) vs. Tj
Figure 15-14.
Minimum transmittable pulse width for
low-side switching, tLIN(MIN) vs. Tj
Figure 15-15.
Typical output pulse widths, tHO, tLO vs.
input pulse widths
, tHIN, tLIN
Figure 15-16.
FOx Pin Voltage in Normal Operation,
VFOL vs. Tj
Figure 15-17.
Logic Operation Start Voltage, VBS(ON) vs.
Tj
Figure 15-18.
Logic Operation Stop Voltage, VBS(OFF)
vs. Tj
0
50
100
150
200
250
300
350
400
450
500
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.
0
50
100
150
200
250
300
350
400
450
500
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
1000
1200
t
HIN, tLIN (ns)
T
j=25°C, VCC=15V
High side
Low side
0
50
100
150
200
250
300
-30
0
30
60
90
120
150
T
j (°C)
FO pull up voltage=5V, R
FO=3.3kΩ, FO is low status
Max.
Typ.
Min.
10.50
10.75
11.00
11.25
11.50
11.75
12.00
12.25
12.50
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.
10.0
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
-30
0
30
60
90
120
150
T
j (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com