Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3S902 Datasheet(PDF) 13 Page - Sanken electric

Part # SSC3S902
Description  Capacitive Mode Detection Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S902 Datasheet(HTML) 13 Page - Sanken electric

Back Button SSC3S902 Datasheet HTML 9Page - Sanken electric SSC3S902 Datasheet HTML 10Page - Sanken electric SSC3S902 Datasheet HTML 11Page - Sanken electric SSC3S902 Datasheet HTML 12Page - Sanken electric SSC3S902 Datasheet HTML 13Page - Sanken electric SSC3S902 Datasheet HTML 14Page - Sanken electric SSC3S902 Datasheet HTML 15Page - Sanken electric SSC3S902 Datasheet HTML 16Page - Sanken electric SSC3S902 Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SSC3S900 Series
SSC3S900 - DSJ Rev.2.4
SANKEN ELECTRIC CO.,LTD.
13
Apr. 01, 2016
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2013
8.2
Startup Operation
Figure 8-11 shows the VCC pin peripheral circuit.
When the following all conditions are fulfilled, the IC
starts the startup operation:
● The mains input voltage is provided, and the VSEN
pin voltage increases to the on-threshold voltage,
VSEN(ON) = 1.300 V, or more.
● The startup current, I
CC(ST), which is a constant current
of 6.0 mA, is provided from the IC to capacitor C2
connected to the VCC pin, C2 is charged, and the
VCC pin voltage increases to the operation start
voltage, VCC(ON) = 14.0 V, or more.
● The FB pin voltage increases to the oscillation start
threshold voltage, VFB(ON) = 0.30 V, or more.
After that, the startup circuit stops automatically, in
order to eliminate its own power consumption.
5
10
2
CSS
VCC
GND
U1
R4
VSPL
C4
R2
R3
R5
C2
C6
C1
4
VSEN
ST
D1
18
1
VD
R1
Figure 8-11
VCC pin peripheral circuit
During the IC operation, the rectified voltage from the
auxiliary winding voltage, VD, of Figure 8-11 is a power
source to the VCC pin.
The winding turns of the winding D should be
adjusted so that the VCC pin voltage is applied to
equation (7) within the specification of the mains input
voltage range and output load range of the power supply.
The target voltage of the winding D is about 19 V.
⇒11.0 (V) < V
CC < 32.0 (V)
(7)
The startup time, tSTART, is determined by the value of
C2 and C6 connected to the CSS pin. Since the startup
time for C6 is much smaller than that for C2, the startup
time is approximately given as below:
(8)
where:
tSTART is the startup time in s,
VCC(INT) is the initial voltage of the VCC pin in V, and
ICC(ST) is the startup current, 6.0 mA
8.3
Undervoltage Lockout (UVLO)
Figure 8-12 shows the relationship of VCC and ICC.
After the IC starts operation, when the VCC pin
voltage decreases to VCC(OFF) = 9.8 V, the IC stops
switching operation by the Undervoltage Lockout
(UVLO) Function and reverts to the state before startup
again.
ICC
VCC(OFF)
VCC(ON)
VCC pin
voltage
Start
Stop
Figure 8-12
VCC versus ICC
8.4
Bias Assist Function
Figure 8-13 shows the VCC pin voltage behavior
during the startup period.
IC startup
VCC pin voltage
VCC(ON)
VCC(BIAS)
VCC(OFF)
Startup failure
Startup success
Target
operating
voltage
Time
Bias Assist period
Increasing by output
voltage rising
Figure 8-13
VCC pin voltage during startup period
When the conditions of Section 8.2 are fulfilled, the
IC starts operation. Thus, the circuit current, ICC,
increases, and the VCC pin voltage begins dropping. At
the same time, the auxiliary winding voltage, VD,
increases in proportion to the output voltage rise. Thus,
the VCC pin voltage is set by the balance between
dropping due to the increase of ICC and rising due to the
increase of the auxiliary winding voltage, VD. When the
VCC pin voltage decreases to VCC(OFF) = 9.8 V, the IC
stops switching operation and a startup failure occurs.
In order to prevent this, when the VCC pin voltage
decreases to the startup current threshold biasing voltage,
VCC(BIAS) = 11.0 V, the Bias Assist Function is activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com