Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3S902 Datasheet(PDF) 21 Page - Sanken electric

Part # SSC3S902
Description  Capacitive Mode Detection Function
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S902 Datasheet(HTML) 21 Page - Sanken electric

Back Button SSC3S902 Datasheet HTML 17Page - Sanken electric SSC3S902 Datasheet HTML 18Page - Sanken electric SSC3S902 Datasheet HTML 19Page - Sanken electric SSC3S902 Datasheet HTML 20Page - Sanken electric SSC3S902 Datasheet HTML 21Page - Sanken electric SSC3S902 Datasheet HTML 22Page - Sanken electric SSC3S902 Datasheet HTML 23Page - Sanken electric SSC3S902 Datasheet HTML 24Page - Sanken electric SSC3S902 Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SSC3S900 Series
SSC3S900 - DSJ Rev.2.4
SANKEN ELECTRIC CO.,LTD.
21
Apr. 01, 2016
http://www.sanken-ele.co.jp
© SANKEN ELECTRIC CO.,LTD. 2013
8.15 Overvoltage Protection (OVP)
When the voltage between the VCC pin and the GND
pin
is
applied
to
the
OVP
threshold
voltage,
VCC(OVP) = 32.0 V, or more, the Overvoltage Protection
(OVP) is activated.
The IC has two operation types of OVP. One is the
auto restart. The other is latched shutdown.
When the auxiliary winding supplies the VCC pin
voltage, the OVP is able to detect an excessive output
voltage, such as when the detection circuit for output
control is open in the secondary-side circuit because the
VCC pin voltage is proportional to the output voltage.
The output voltage of the secondary-side circuit at
OVP operation, VOUT(OVP), is approximately given as
below:
(13)
where,
VOUT(NORMAL) : Output voltage in normal operation
VCC(NORMAL): VCC pin voltage in normal operation
● Auto Restart Type: SSC3S901
Figure 8-33 shows the OVP operation waveforms of
auto restart type.
When the OVP is activated, the IC stops switching
operation and VCC pin voltage decreases. When VCC
pin voltage decreases to VCC(P.OFF) = 9.8 V, the OVP
operation is released and the startup circuit is
activated. When VCC pin voltage is increased to
VCC(ON) = 14.0 V by startup current, the IC starts the
switching operation. During the OVP operation, the
intermittent operation by UVLO is repeated.
When the fault condition is removed, the IC returns to
normal operation automatically.
VCC pin voltage
VGH/VGL
0
0
VCC(P.OFF)
VCC(ON)
VCC(OVP)
Figure 8-33 Auto restart type
OVP operation waveforms
● Latched Shutdown Type: SSC3S902
Figure 8-34 shows the OVP operation waveforms of
latched shutdown type.
When the OVP is activated, the IC stops switching
operation at the latched state and VCC pin voltage
decreases.
When VCC pin voltage decreases to VCC(OFF) = 9.8 V,
the startup circuit is activated. When VCC pin voltage
is increased to VCC(ON) = 14.0 V by startup current, the
startup circuit is turned off and VCC pin voltage
decreases. During the OVP operation, the latch state is
kept by turning on/off of the startup circuit.
The latched state is released by following condition:
VCC pin voltage is decreased to VCC(L.OFF) = 7.8 V or
less by turning off the input voltage,
or VSEN pin voltage is decreased to VSEN(OFF) = 1.0 V
or less.
VCC pin voltage
VGH/VGL
0
0
VCC(OFF)
VCC(ON)
VCC(OVP)
VCC(L.OFF)
Input voltage
turn off
Release
Latch mode
Figure 8-34 Latched shutdown type
OVP operation waveforms
8.16 Overcurrent Protection (OCP)
The Overcurrent Protection (OCP) detects the drain
current, ID, on pulse-by-pulse basis, and limits output
power. In Figure 8-35, this circuit enables the value of
C3 for shunt capacitor to be smaller than the value of Ci
for current resonant capacitor, and the detection current
through C3 is small. Thus, the loss of the detection
resistor, ROCP, is reduced, and ROCP is a small-sized one
available. There is no convenient method to calculate the
accurate resonant current value according to the mains
input and output conditions, and others. Thus, ROCP, C3,
and C6 should be adjusted based on actual operation in
the application. The following is a reference adjusting
method of ROCP, C3, R6, and C8:
● C3 and R
OCP
C3 is 100pF to 330pF (around 1 % of Ci value).
ROCP is around 100 Ω.
Given the current of the high side power MOSFET at
ON state as ID(H). ROCP is calculated Equation (14).
The detection voltage of ROCP is used the detection of
the capacitive mode operation (refer to Section 8.12).
Therefore, setting of ROCP and C3 should be taken
account of both OCP and the capacitive mode
operation.
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com