Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4541
Description  Programmable Timer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4541 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4541 Datasheet HTML 1Page - National Semiconductor (TI) CD4541 Datasheet HTML 2Page - National Semiconductor (TI) CD4541 Datasheet HTML 3Page - National Semiconductor (TI) CD4541 Datasheet HTML 4Page - National Semiconductor (TI) CD4541 Datasheet HTML 5Page - National Semiconductor (TI) CD4541 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Truth Table
Pin
State
01
5
Auto Reset Operating
Auto Reset Disabled
6
Timer Operational
Master Reset On
9
Output Initially Low
Output Initially High
after Reset
after Reset
10
Single Cycle Mode
Recycle Mode
Division Ratio Table
Number of
Count
A
B
Counter Stages
2n
n
0
0
13
8192
0
1
10
1024
1
0
8
256
1
1
16
65536
Operating Characteristics
With Auto Reset pin set to a ‘‘0’’ the counter circuit is initial-
ized by turning on power Or with power already on the
counter circuit is reset when the Master Reset pin is set to a
‘‘1’’ Both types of reset will result in synchronously reset-
ting all counter stages independent of counter state
The RC oscillator frequency is determined by the external
RC network ie
f e
1
23 RtcCtc
if (1 kHz s f s 100 kHz)
and RS
2Rtc where RS t 10 kX
The time select inputs (A and B) provide a two-bit address
to output any one of four counter stages (28 210 213 and
216) The 2n counts as shown in the Division Ratio Table
represent the Q output of the Nth stage of the counter
When A is ‘‘1’’ 216 is selected for both states of B
However when B is ‘‘0’’ normal counting is interrupted and
the 9th counter stage receives its clock directly from the
oscillator (ie effectively outputting 28)
The QQ select output control pin provides for a choice of
output level When the counter is in a reset condition and
QQ select pin is set to a ‘‘0’’ the Q output is a ‘‘0’’ Corre-
spondingly when QQ select pin is set to a ‘‘1’’ the Q output
is a ‘‘1’’
When the mode control pin is set to a ‘‘1’’ the selected
count is continually transmitted to the output But with
mode pin ‘‘0’’ and after a reset condition the RS flip-flop
resets (see Logic Diagram) counting commences and after
2nb1 counts the RS flip-flop sets which causes the output
to change state Hence after another 2nb1 counts the out-
put will not change Thus a Master Reset pulse must be
applied or a change in the mode pin level is required to
reset the single cycle operation
Power Dissipation Test
Circuit and Waveforms
(Rtc and Ctc outputs are left open)
TLF6001 – 3
Switching Time Test
Circuit and Waveforms
TLF6001 – 4
TLF6001 – 5
TLF6001 – 6
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com